Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS516
Description  High Speed Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS516 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS516 Datasheet HTML 1Page - Diode Semiconductor Korea BAS516 Datasheet HTML 2Page - Diode Semiconductor Korea BAS516 Datasheet HTML 3Page - Diode Semiconductor Korea BAS516 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Speed Switching Diode
BAS516
FEATURES
Ultra small plastic SMD package.
High switching speed: max.4ns.
Continuous reverse voltage: max.75V.
Repetitive peak reverse voltage: max.85V
Repetitive peak forward current: max.500mA
SOD-523
APPLICATIONS
High-speed switching in surface mounted circuits.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS516
61
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
85
V
Continuous reverse voltage
VR
75
V
Continuous forward current
IF
250
mA
Non-repetitive peak forward surge current
IFSM
t=1μs
t=1ms
t=1s
4
1
0.5
A
Total power dissipation
Ptot
500
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-65-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com