Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP Datasheet(PDF) 1 Page - Dubilier

Part # MMP
Description  5mm BOX POLYESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

MMP Datasheet(HTML) 1 Page - Dubilier

  MMP Datasheet HTML 1Page - Dubilier MMP Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
87
DIMENSIONS (63v)
CAPACITORS
5mm BOX POLYESTER MMP
ORDERING INFORMATION
MARKING
OUTLINE DRAWING
SPECIFICATION
TAPING SPECIFICATIONS
Miniature sizes
Self-healing
Low losses
Low inductance
Low series resistance
Designed as a miniature general purpose decoupling capacitor,
particularly for high-speed circuits.
The housing is an insulated thermoplastic moulding
incorporating stand-off lugs for easy removal of solder flux.
Flame retardant case and resin in accordance with UL 94VO.
Temperature Range
-55 to +100°C
Rated Voltage
63Vdc, 40Vrms @ 50Hz
Capacitance Stability
≤ 5% after 1000 hours @ 85°C
Test Voltage
1.4 x Vd.c. for 1 minute
Loss angle
≤ 80 x 10 -4
E max
7.5 max
0.4 min
H max
4 min
0.6
All Dims
in mm
5.08
Value/nf
H max/mm
E max/mm
Reel Qty
F (mm)
1-220
6.5
2.5
2500
43
270-330
8.0
3.2
1800
48
390-1000
8.0
5.0
1200
48
1500-2200
12
6.0
900
48
Nominal capacitance value and tolerance in accordance with IEC 62.
C voltage rating 63. The top face of the capacitor is used for marking
in order to facilitate easy recognition on high component density
boards.
MMP
10
470N
K
Style
Value
nf
Tolerance
J = 5%
k = 10%
Options:
TA = Tape/
Ammo-box
TR = Tape/Reel
Blank = Loose
TR
10 = 100V
25 = 250V
40 = 400V
Blank 63V
standard
ø31
F
Dimensions (mm)
ø360
www.dubilier.co.uk


Similar Part No. - MMP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MMP CDE-MMP Datasheet
92Kb / 3P
Metallized Oval, Axial Leads
logo
YAGEO Corporation
MMP YAGEO-MMP Datasheet
1Mb / 9P
MELF METAL FILM RESISTORS
September 5, 2024 V.2
logo
SOVICO corp.
MMP-108 SOVICO-MMP-108 Datasheet
2Mb / 2P
Power Amplifier
2020.12
logo
YAGEO Corporation
MMP100 YAGEO-MMP100 Datasheet
1Mb / 9P
MELF METAL FILM RESISTORS
September 5, 2024 V.2
logo
Dubilier
MMP10470NJ DUBILIER-MMP10470NJ Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
More results

Similar Description - MMP

ManufacturerPart #DatasheetDescription
logo
Dubilier
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
CAPACITORS 5mm BOX POLYESTER DMP
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
CAPACITORS BOX POLYESTER LBMP
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
CAPACITORS 5mm BOX POLYESTER MMP
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Dubilier
DMP DUBILIER-DMP Datasheet
281Kb / 2P
5mm BOX POLYESTER
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
BOX POLYESTER
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_15 Datasheet
271Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
logo
jb Capacitors Company
JFD JBCAPACITORS-JFD_17 Datasheet
279Kb / 2P
Box Type Met Polyester Film Capacitor
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
Radial Box Metallized Polyester Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com