Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP Datasheet(PDF) 2 Page - Dubilier

Part # MMP
Description  5mm BOX POLYESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

MMP Datasheet(HTML) 2 Page - Dubilier

  MMP Datasheet HTML 1Page - Dubilier MMP Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
88
CAPACITORS
5mm BOX POLYESTER MMP
CHARACTERISTICS CURVES
CHARACTERISTICS
CASES UR- : 63 V
CASES UR- : 100 V
CASES UR- : 250 V
CASES UR- : 400 V
Climatic Category
55/100/56 - Performance class 2
Capacitance Range
CR 1 nF to 2.2 µF (E12)
Tolerances on CR
± 5% ± 10% ± 20% other values on request
Nominal Voltages
VR- 63/100/250/400 V
VR~ 40/63/160/200 V
Category Voltage
VC = 0.8 VR- at 100˚C
Test Voltage
VE = 1.6 VR-/2s at 25˚C
Tangent of Loss Angle
tg ∂
Insulation Resistance
Ri
VR- (V)
63
100
250
400
(dv/dt)R max
38
40
110
270
0.1
1.0
10
100
F (MHz)
Z
( )
100
10
1.0
0.1
0.01
4.7 nF
10 nF
22 nF
47 nF
100 nF
220 nF
470 nF
1 F
1.5 F
Influence of the frequency on the impedance (room temperature).
Nominal RMS voltage versus frequency (room temperature) allowing a 10˚C increase of the external temperature of the box.
22 nF
47 nF
100 nF
220 nF
470 nF
1 F
1.5 F
U eff (V) max.
40
10
10
10
10
10
10
F (Hz)
6
5
4
3
2
1
10
3
10
2
10
1
U eff (V) max.
10
10
10
10
10
10
F (Hz)
6
5
4
3
2
1
10 nF
22 nF
47 nF
100 nF
220 nF
470 nF
10
3
63
10
2
10
1
MAX VOLTAGE GRADIENT
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com