Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 3 Page - Dubilier

Part # RPC
Description  SURFACE MOUNT CHIP RESISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RPC Datasheet(HTML) 3 Page - Dubilier

  RPC Datasheet HTML 1Page - Dubilier RPC Datasheet HTML 2Page - Dubilier RPC Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
139
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
OTHER SPECIFICATIONS & TEST METHODS
PERFORMANCE TEST
TEST METHOD
1% TOL.
5% TOL.
Temperature coefficient
MIL-STD-202F, Method 304
-55˚C to +125˚C
by Type
by Type
Thermal Shock
MIL-STD-202F, Method 107
5 Cycles, -55˚C to +125˚C (Step by Step 2 min)
±(0.5%+0.05Ω)
±(1%+0.05Ω)
Low Temperature Operation
MIL-R-55342D, Para.4.7.4
One Hour at -65˚C Followed by 45 min RCWV
±(0.5%+0.05Ω)
±(1%+0.05Ω)
Short Time Overload
MIL-R-55342D, Para.4.7.5
2.5 Times RCWV for 5 Seconds
±(1%+0.05Ω)
±(2%+0.05Ω)
Insulation Resistance
MIL-STD-202F, Method 302
RCOV for 1 minute
10000MΩ
10000MΩ
Dielectric Withstand Voltage
MIL-STD-202F, Method 301
R.M.S for 1 minute
by Type
by Type
Resistance to Soldering Heat
MIL-STD-202F, Method 210C
Soldered to Test Board at 260˚C for 10 Seconds
±(0.5%+0.05Ω)
±(1%+0.05Ω)
Moisture Resistance
MIL-STD-202F, Method 160F
42 Cycles. Total 1000 Hours
±(0.5%+0.05Ω)
±(2%+0.05Ω)
Life
MIL-STD-202F, Method 108A
1000 Hours at 70˚C RCWV Intermittent
±(1%+0.05Ω)
±(3%+0.05Ω)
Resistance to Soldering Heat
MIL-STD-202F, Method 210C
260˚C, for 5 Seconds
95% min. coverage
95% min. coverage
Bending Strength
JIS-C-5202, Para.6.1.4, Unit Mounted in Centre of 90mm Board Length
±(1%+0.05Ω)
±(1%+0.05Ω)
Deflected 5mm (power chip 2mm) in Either Direction for 5 Seconds
For taping and packaging specification please see the RTF range.
www.dubilier.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com