Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 2 Page - Dubilier

Part # RPC
Description  SURFACE MOUNT CHIP RESISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RPC Datasheet(HTML) 2 Page - Dubilier

  RPC Datasheet HTML 1Page - Dubilier RPC Datasheet HTML 2Page - Dubilier RPC Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
138
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
POWER RATING
* Low value resistors available between 0.01Ω - 1Ω in ±1% & ±5% TCR = 200ppm/˚C to 600ppm/˚C
Resistance Range/PPM
Size
Code
Power
Rating
Max Working
Voltage
Max Overload
Voltage
F(±1%)
E-96
PPM/°C
J(±5%)
E-24
PPM/°C
0402
1/16w
50v
100v
1R - < 10R
200
1R - < 10R
200
0402
1/16w
50v
100v
10R-10M
100
10R-10M
100
0603
1/10w
50v
100v
1R - < 10R
200
1R - < 10R
10M-22M
200
0603
1/10w
50v
100v
10R-10M
100
10R-10M
100
0805
1/8w
150v
300v
1R - < 10R
200
1R - < 10R
10M-22M
200
0805
1/8w
150v
300v
10R-10M
100
10R-10M
100
1206
1/4w
200v
400v
1R - < 10R
200
1R - < 10R
10M-22M
200
1206
1/4w
200v
400v
10R-10M
100
10R-10M
100
1210
1/2w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
1/2w
200v
500v
10R-10M
100
10R-10M
100
2010
3/4w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
3/4w
200v
500v
10R-10M
100
10R-10M
100
2512
1w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2512
1w
200v
500v
10R-10M
100
10R-10M
100
www.dubilier.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com