Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISM-1008-R022 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AISM-1008-R022
Description  SMD Molded Wound Chip inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISM-1008-R022 Datasheet(HTML) 4 Page - Abracon Corporation

  AISM-1008-R022 Datasheet HTML 1Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 2Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 3Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
| | | | | | | | | | | | | | |
AISM-1008
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
Dimension : Inches/mm
Dimension: mm
TAPE & REEL:
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
Revised: 08.11.09
SMD Molded Wound Chip inductor
RECOMMENDED LAND PATTERN
A (mm)
B (mm)
T (mm)
P (mm)
PCS/REEL
2.3 ref.
2.7 ref.
2.0 ref.
4.0 ± 0.1
2000
ΦA(mm)
ΦB(mm)
ΦC(mm)
W(mm)
180+0/-0.3
60+1/-0
13.0±0.2
9.0±0.3
Series
AISM-1008
Series
AISM-1008
C
W
REFLOW PROFILE:
1.8 x .098 x .079mm
NOTE: Abracon manufactured products are intended for general commercial and industrial use. For applications requiring
high reliability and/or presenting extreme operating environment, written consent & authorization from Abracon is required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com