Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISM-1008-R022 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISM-1008-R022
Description  SMD Molded Wound Chip inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISM-1008-R022 Datasheet(HTML) 1 Page - Abracon Corporation

  AISM-1008-R022 Datasheet HTML 1Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 2Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 3Page - Abracon Corporation AISM-1008-R022 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Molded Wound Chip inductor
| | | | | | | | | | | | | | |
AISM-1008
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
ELECTRICAL SPECIFICATIONS:
Revised: 08.11.09
PARAMETERS
ABRACON P/N: AISM-1008-XXX
Operating Temperature: -40°C to + 105°C (Including self-temperature rise)
Storage Temperature: -40°C to + 105°C
Self Temperature Arising: <20°C
Rating Current: When the rating current flows, inductance should not drop more than 10%
• xDSL, mobile base stations
• TVs, VCRs, digital cameras
• Automobile audio sytems, ECU systems
• HDDs, ODDs
• Highly reliable in sudden temperature and humidity change
• Resistant to mechanical shocks and high temperature
• Accurate dimensions for automatically surface mounted
• Low DCR and High current, suitable for power line application
• Wide range of inductance value
Part No.
L
(µH)
Tolerance
(%)
Q
typ.
L, Q
(MHz)
SRF
(MHz)min.
DCR
(Ω) max.
Idc*
(mA)max.
AISM-1008-R01
0.01
J
15
100
2150
0.26
530
AISM-1008-R012
0.012
J
15
100
2050
0.27
500
AISM-1008-R015
0.015
J
15
100
2000
0.29
480
AISM-1008-R018
0.018
J
15
100
1850
0.31
450
AISM-1008-R022
0.022
J
15
100
1650
0.37
420
AISM-1008-R027
0.027
J
20
100
1550
0.40
410
AISM-1008-R033
0.033
J
20
100
1450
0.42
400
AISM-1008-R039
0.039
J
20
100
1350
0.45
380
AISM-1008-R047
0.047
J
20
100
1200
0.50
360
AISM-1008-R056
0.056
J
20
100
1100
0.60
340
AISM-1008-R068
0.068
J
20
100
1050
0.65
320
AISM-1008-R082
0.082
J
20
100
900
0.75
300
AISM-1008-R10
0.1
J
20
100
800
0.80
280
AISM-1008-R12
0.12
J
30
25.2
700
0.30
550
AISM-1008-R15
0.15
J
30
25.2
550
0.35
500
AISM-1008-R18
0.18
J
30
25.2
500
0.40
475
AISM-1008-R22
0.22
J
30
25.2
450
0.50
450
AISM-1008-R27
0.27
J
30
25.2
425
0.55
425
AISM-1008-R33
0.33
J
30
25.2
400
0.60
400
AISM-1008-R39
0.39
J
30
25.2
375
0.65
375
AISM-1008-R47
0.47
J
30
25.2
350
0.68
350
AISM-1008-R56
0.56
J
30
25.2
325
0.75
325
AISM-1008-R68
0.68
J
30
25.2
300
0.85
300
AISM-1008-R82
0.82
J
30
25.2
260
1.00
260
AISM-1008-1R0
1.0
J
30
7.96
245
1.10
245
AISM-1008-1R2
1.2
J
30
7.96
230
1.20
230
1.8 x .098 x .079mm


Similar Part No. - AISM-1008-R022

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1210H ABRACON-AISM-1210H Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
AISM-1210H-100K ABRACON-AISM-1210H-100K Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
AISM-1210H-101K ABRACON-AISM-1210H-101K Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
AISM-1210H-150K ABRACON-AISM-1210H-150K Datasheet
276Kb / 1P
SMD MOLDED HIGH CURRENT CHIP INDUCTORS
More results

Similar Description - AISM-1008-R022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSWM-453232 ETC2-LSWM-453232 Datasheet
28Kb / 1P
Wound Molded Chip Inductor
LSWM-322522 ETC2-LSWM-322522 Datasheet
24Kb / 1P
Wound Molded Chip Inductor
logo
Frontier Electronics.
1306F FRONTIER-1306F Datasheet
84Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
Wound Molded Chip Inductor
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
General use wire wound, resin molded chip inductor.
logo
Frontier Electronics.
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
CF252018 FRONTIER-CF252018 Datasheet
223Kb / 2P
SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com