Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS389 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS389
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS389 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS389 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS389 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS389 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
1SS389
FEATURES
Pb
Lead-free
Low forward voltage.
Small package.
APPLICATIONS
Schottky diode in surface mounted circuits.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS389
S4
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
15
V
DC Reverse voltage
VR
10
V
Continuous forward current
IF
100
mA
Surge current
IFSM
1
A
Total power dissipation
Ptot
150
mW
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-55-125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
10
V
IR=100μA
0.18
V
IF=1mA
0.23
0.30
V
IF=5mA
Forward voltage
VF
0.35
0.50
V
IF=100mA
Reverse current
IR
20
μA
VR=10V
Diode capacitance
Cd
20
40
pF
VR=0,f=1MHz
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS389

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS389 TOSHIBA-1SS389 Datasheet
121Kb / 2P
DIODE (HIGH SEPPD SWITCHING APPLICATION)
1SS389 TOSHIBA-1SS389 Datasheet
201Kb / 3P
High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS389 BILIN-1SS389 Datasheet
199Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS389 KEXIN-1SS389 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS389 SEMTECH_ELEC-1SS389 Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS389

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com