Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFN05CU Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDFN05CU
Description  Single Line ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFN05CU Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDFN05CU Datasheet HTML 1Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 2Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 3Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 4Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESDFN05CU
Single Line ESD Protection Diode
Publication Order Number: [ESDFN05CU]
© Bruckewell Technology Corporation Rev. A -2016
Description
The ESDFN05CU is designed to replace multilayer
varistors (MLVs) in portable applications such as cell
phones,notebook computers,and PDA’s.They feature
large cross-sectional area junctions for conducting high
transient currents,offer desirable electrical
characteristics for board level protection,such as fast
response time,lower operating voltage,lower clamping
voltage and no device degradation when compared to
MLVs.
Features
• Equivalent to 0402 package
• 75W peak pulse power
• Small package for use in portable electionics
• Stand-off Voltage: 5 V
• Low Leakage current
•
These are Pb−Free Devices
• RoHS Compliant Package
Complies with the following standards
• IEC61000-4-2
• Level 4 15 kV (air discharge)
8 kV(contact discharge)
• MIL STD 883E - Method 3015-7 Class 3
• 25 kV HBM (Human Body Model)
Packing &Order Information
3,000/Reel
Graphic symbol


Similar Part No. - ESDFN05CU

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ESDFN2105VLL BWTECH-ESDFN2105VLL Datasheet
542Kb / 5P
Single Line ESD Protection Diode with Low Capacitance
More results

Similar Description - ESDFN05CU

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SESDFBP05C BWTECH-SESDFBP05C Datasheet
286Kb / 3P
Single Line ESD Protection Diode
logo
Union Semiconductor, In...
UM50125 UNIONSEMI-UM50125 Datasheet
216Kb / 7P
Single Line ESD Protection Diode Array
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
Single Line ESD Protection Diode Array
UM5059T UNIONSEMI-UM5059T Datasheet
155Kb / 6P
Single Line ESD Protection Diode Array
UM5055 UNIONSEMI-UM5055 Datasheet
150Kb / 5P
Single Line ESD Protection Diode Array
UM5055 UNIONSEMI-UM5055_16 Datasheet
166Kb / 5P
Single Line ESD Protection Diode Array
UM5059 UNIONSEMI-UM5059_16 Datasheet
174Kb / 5P
Single Line ESD Protection Diode Array
UM5059T UNIONSEMI-UM5059T_16 Datasheet
190Kb / 5P
Single Line ESD Protection Diode Array
UM5075 UNIONSEMI-UM5075_14 Datasheet
329Kb / 8P
Single Line ESD Protection Diode Array
UM50125 UNIONSEMI-UM50125_14 Datasheet
283Kb / 7P
Single Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com