Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFN05CU Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESDFN05CU
Description  Single Line ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFN05CU Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESDFN05CU Datasheet HTML 1Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 2Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 3Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 4Page - Bruckewell Technology LTD ESDFN05CU Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDFN05CU
Single Line ESD Protection Diode
Publication Order Number: [ESDFN05CU]
© Bruckewell Technology Corporation Rev. A -2016
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Unit
IEC 61000-4-2 (ESD) Contact
8
kV
PPP
Peak Pulse Power (tp= 8/20μs)
75
W
IPP
Peak Pulse Power (tp= 8/20μs)
5
A
TJ
Maximum junction temperature
-55 to +155
°C
TSTG
Storage Temperature Range
-55 to +155
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V
at IF = 10mA
Part Numbers
VBR
IT
VRWM
IR
VF
IF
Cj
Min.
Typ.
Max.
Max.
Typ.
Typ. 0v bias
V
mA
V
V
V
mA
PF
ESDFN05CU
5.4
6.6
7.8
1
5.0
1
-
-
0.5
*Surge current waveform per Figure 1.
1. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com