Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD5Z Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESD5Z
Description  Transient Voltage Suppressors for ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESD5Z Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESD5Z Datasheet HTML 1Page - Bruckewell Technology LTD ESD5Z Datasheet HTML 2Page - Bruckewell Technology LTD ESD5Z Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD5Z-Series-ESD5Z12V
Transient Voltage Suppressors for ESD Protection
Publication Order Number: [ESD5Z-Series-ESD5Z12V]
© Bruckewell Technology Corporation Rev. A -2014
Description
The ESD5Z Series are designed to protect voltage
sensitive components from ESD and transient voltage
events. Excellent clamping capability, low leakage, and
fast response time, make these parts ideal for ESD
protection on designs where board space is at a
premium.
Features
• Small Body Outline Dimensions
• Low Body Height
•
Stand−off Voltage: 3.3 V − 12.0 V
•
Peak Power up to 200 Watts @ 8 x 20 μs Pulse
• Low Leakage
• Response Time is Typically < 1 ns
• RoHS compliant package
Complies with the following standards
IEC61000-4-2
Level 4 15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Mechanical Data
• Molded JEDEC SOD-523 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature: Pure-Tin - Sn, 100:
260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
Applications:
• Cellular phones
• Portable devices
• Digital cameras
• Power supplies
Packing & Order Information
Shipping:3,000/Reel
SOD-523
Graphic symbol


Similar Part No. - ESD5Z

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESD5Z WEITRON-ESD5Z Datasheet
581Kb / 3P
Transient Voltag e Suppressors for ESD Protection 200 WATTS 2.5-7.0 VOLTS
logo
SEMTECH ELECTRONICS LTD...
ESD5Z SEMTECH_ELEC-ESD5Z Datasheet
667Kb / 2P
Transient Voltage Suppressors
logo
Microdiode Semiconducto...
ESD5Z CHENDA-ESD5Z Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate ESD Protection Diodes
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
Single Line TVS Diode For ESD Protection Portable Electronics
ESD5Z05T1 LUGUANG-ESD5Z05T1 Datasheet
216Kb / 4P
Single Line TVS Diode For ESD Protection Portable Electronics
More results

Similar Description - ESD5Z

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com