Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD5Z Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESD5Z
Description  Transient Voltage Suppressors for ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESD5Z Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESD5Z Datasheet HTML 1Page - Bruckewell Technology LTD ESD5Z Datasheet HTML 2Page - Bruckewell Technology LTD ESD5Z Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD5Z-Series-ESD5Z12V
Transient Voltage Suppressors for ESD Protection
Publication Order Number: [ESD5Z-Series-ESD5Z12V]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute ratings (limiting value)
Symbol
Parameter
Value
Unit
Ppk
Peak Pulse Power (tp = 8/20μs)
200
W
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
TJ
Maximum junction temperature
-55 to +125
°C
Electrical Characteristics
Part Numbers
VBR
IT
VRWM
VF max
IF
IR
Cj
Min.
Typ.
Max.
TYP
V
V
V
mA
V
V
mA
uA
PF
ESD5Z12V
13.5
14.2
15
1
12
1.25
200
1
25
■Typical Characteristics
FIG.1-NON-REPETITIVE PEAK PULSE
POWER VS. TIME
FIG.2-POWER DERATING CURVE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com