Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C28343ZFEQ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C28343ZFEQ
Description  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZFEQ Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C28343ZFEQ Datasheet HTML 45Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 46Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 47Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 48Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 49Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 50Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 51Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 52Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
InterruptControl
XINT3CR(15:0)
Latch
GPIOXINT3SEL(4:0)
DMA
XINT3
InterruptControl
XINT4CR(15:0)
Latch
GPIOXINT4SEL(4:0)
XINT4
InterruptControl
XINT5CR(15:0)
GPIOXINT5SEL(4:0)
XINT5
InterruptControl
XINT6CR(15:0)
GPIOXINT6SEL(4:0)
XINT6
InterruptControl
XINT7CR(15:0)
GPIOXINT7SEL(4:0)
XINT7
DMA
DMA
DMA
DMA
PIE
INT1
to
INT12
C28
Core
GPIO32.int
GPIO63.int
GPIO
Mux
Latch
Latch
Latch
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
Figure 3-6. External Interrupts
Eight PIE block interrupts are grouped into one CPU interrupt. In total, 12 CPU interrupt groups, with
8 interrupts per group equals 96 possible interrupts. On the C2834x devices, 64 of these are used by
peripherals as shown in Table 3-8.
The TRAP #VectorNumber instruction transfers program control to the interrupt service routine
corresponding to the vector specified. TRAP #0 attempts to transfer program control to the address
pointed to by the reset vector. The PIE vector table does not, however, include a reset vector. Therefore,
TRAP #0 should not be used when the PIE is enabled. Doing so will result in undefined behavior.
When the PIE is enabled, TRAP #1 through TRAP #12 will transfer program control to the interrupt service
routine corresponding to the first vector within the PIE group. For example: TRAP #1 fetches the vector
from INT1.1, TRAP #2 fetches the vector from INT2.1, and so forth.
Copyright © 2009–2012, Texas Instruments Incorporated
Functional Overview
49
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com