Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTA6 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 17Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 18Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 19Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 20Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 21Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 22Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 23Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 24Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE(
INTERNAL
OPER
DESCRIPTION
1)
PULLUP/
VOLT
PULLDOWN
HOST-PORT INTERFACE (HPI) or PERIPHERAL COMPONENT INTERCONNECT (PCI) or GPIO[0:7]
AD00/HD00
AA22
I/O/Z
3.3 V
Host Port data [15:00] pin or PCI data-address bus [15:00]
[default]
AD01/HD01
AB22
I/O/Z
3.3 V
AD02/HD02
AC21
I/O/Z
3.3 V
AD03/HD03
AA23
I/O/Z
3.3 V
AD04/HD04
AC22
I/O/Z
3.3 V
AD05/HD05
AB21
I/O/Z
3.3 V
AD06/HD06
AA21
I/O/Z
3.3 V
AD07/HD07
Y21
I/O/Z
3.3 V
AD08/HD08
AB20
I/O/Z
3.3 V
AD09/HD09
AA20
I/O/Z
3.3 V
AD10/HD10
Y20
I/O/Z
3.3 V
AD11/HD11
Y19
I/O/Z
3.3 V
AD12/HD12
AB18
I/O/Z
3.3 V
AD13/HD13
AA19
I/O/Z
3.3 V
AD14/HD14
AC18
I/O/Z
3.3 V
AD15/HD15
AA18
I/O/Z
3.3 V
AD16/HD16
Y16
I/O/Z
3.3 V
Host Port data [31:16] pin or PCI data-address bus [31:16]
[default]
AD17/HD17
AB15
I/O/Z
3.3 V
AD18/HD18
AA15
I/O/Z
3.3 V
AD19/HD19
Y15
I/O/Z
3.3 V
AD20/HD20
W15
I/O/Z
3.3 V
AD21/HD21
V15
I/O/Z
3.3 V
AD22/HD22
AC14
I/O/Z
3.3 V
AD23/HD23
AB14
I/O/Z
3.3 V
AD24/HD24
W14
I/O/Z
3.3 V
AD25/HD25
V14
I/O/Z
3.3 V
AD26/HD26
AC13
I/O/Z
3.3 V
AD27/HD27
AB13
I/O/Z
3.3 V
AD28/HD28
AA13
I/O/Z
3.3 V
AD29/HD29
Y13
I/O/Z
3.3 V
AD30/HD30
W13
I/O/Z
3.3 V
AD31/HD31
V13
I/O/Z
3.3 V
PPAR/HAS
W19
I/O/Z
3.3 V
Host Address Strobe (I) or PCI parity [default]
PSTOP/HCNTL0
Y18
I/O/Z
3.3 V
Host Control selects between control, address, or data registers (I)
or PCI Stop [default]
PDEVSEL/HCNTL1
Y17
I/O/Z
3.3 V
Host Control selects between control, address, or data registers (I)
or PCI Device Select [default]
PPERR/HCS
W17
I/O/Z
3.3 V
Host Chip Select (I) or PCI Parity Error [default]
PSERR/ HDS1
W18
I/O/Z
3.3 V
Host Data Strobe 1 (I) or PCI System Error [default]
PCBE0/GP04
AC20
I/O/Z
3.3 V
PCI Command/Byte Enable 0 or GP[4] [default
PCBE1/HDS2
AC17
I
3.3 V
PCI Command/Byte Enable 1 or host data strobe 2
PCBE2/HR/W
W16
I/O/Z
3.3 V
PCI Command/Byte Enable 2 or host read or write select (I)
PCBE3/GP07
Y14
I/O/Z
3.3 V
PCI Command/Byte Enable 3 or GPIO[7]
PCLK/HHWIL
AC15
I/O/Z
3.3 V
PCI Clock (I) [default] or host Half-word Select - first or second
half-word (not necessarily high or low order) [For HPI16 bus width
selection only] (I)
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com