Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUTA6 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUTA6
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUTA6 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM647CUTA6 Datasheet HTML 79Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 80Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 81Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 82Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 83Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 84Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 85Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 86Page - Texas Instruments TMS320DM647CUTA6 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-20. EDMA3 Transfer Controller 3 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A3 8250
SABIDX
Source Active Source B-Index Register
02A3 8254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A3 8258
SACNTRLD
Source Active Count Reload Register
02A3 825C
SASRCBREF
Source Active Source Address B-Reference Register
02A3 8260
SADSTBREF
Source Active Destination Address B-Reference Register
02A3 8264 - 02A3 827C
-
Reserved
02A3 8280
DFCNTRLD
Destination FIFO Set Count Reload
02A3 8284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
02A3 8288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A3 828C - 02A3 82FC
-
Reserved
02A3 8300
DFOPT0
Destination FIFO Options Register 0
02A3 8304
DFSRC0
Destination FIFO Source Address Register 0
02A3 8308
DFCNT0
Destination FIFO Count Register 0
02A3 830C
DFDST0
Destination FIFO Destination Address Register 0
02A3 8310
DFBIDX0
Destination FIFO BIDX Register 0
02A3 8314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A3 8318 - 02A3 833C
-
Reserved
02A3 8340
DFOPT1
Destination FIFO Options Register 1
02A3 8344
DFSRC1
Destination FIFO Source Address Register 1
02A3 8348
DFCNT1
Destination FIFO Count Register 1
02A3 834C
DFDST1
Destination FIFO Destination Address Register 1
02A3 8350
DFBIDX1
Destination FIFO BIDX Register 1
02A3 8354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A3 8358 - 02A3 837C
-
Reserved
02A3 8380
DFOPT2
Destination FIFO Options Register 2
02A3 8384
DFSRC2
Destination FIFO Source Address Register 2
02A3 8388
DFCNT2
Destination FIFO Count Register 2
02A3 838C
DFDST2
Destination FIFO Destination Address Register 2
02A3 8390
DFBIDX2
Destination FIFO BIDX Register 2
02A3 8394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A3 8398 - 02A3 83BC
-
Reserved
02A3 83C0
DFOPT3
Destination FIFO Options Register 3
02A3 83C4
DFSRC3
Destination FIFO Source Address Register 3
02A3 83C8
DFCNT3
Destination FIFO Count Register 3
02A3 83CC
DFDST3
Destination FIFO Destination Address Register 3
02A3 83D0
DFBIDX3
Destination FIFO BIDX Register 3
02A3 83D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A3 83D8 - 02A3 FFFF
-
Reserved
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com