Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # 2SC1623
Description  Silicon PNP Epitaxial Type Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SC1623 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  2SC1623 Datasheet HTML 1Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 2Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 3Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC1623
Silicon PNP Epitaxial Type Transistor
Publication Order Number: [2SC1623]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MAXIMUM RATING @ Ta=25°C unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
100
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
°C
ELECTRICAL CHARACTERISTICS @ Ta=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = 100μA , IE = 0
60
V
V(BR)CEO
Collector-emitter breakdown
voltage
IC = 1mA , IB = 0
50
V
V(BR)EBO
Emitter-base breakdown voltage
IE = 100μA , IC = 0
5
V
ICBO
Collector cut-off current
VCB = 60 V , IE = 0
uA
IEBO
Emitter cut-off current
VEB = 5 V , IC = 0
uA
hFE
DC current gain
VCE = 6 V , IC = 1 mA
90
200
600
VCE(sat)
Collector-emitter saturation voltage
IC = 100mA , IB = 10mA
0.15
0.3
V
VBE(sat)
Base-emitter saturation voltage
IC = 100mA , IB = 10mA
0.86
1.0
V
VBE
Base Emitter Voltage
VCE = 6 V , IC = 1 mA
0.55
0.62
0.65
V
fT
Transition frequency
VCE = 6 V , IE = -10 mA
250
MHz
Cob
Output capacitance
VCB = 6 V , IE = 0
f = 1.0MHz
3.0
pF
CLASSIFICATION OF hFE(1)
Rank
L4
L5
L6
L7
Range
90-180
135-270
200-400
300-600
Marking
L4
L5
L6
L7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com