Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # 2SC1623
Description  Silicon PNP Epitaxial Type Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

2SC1623 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  2SC1623 Datasheet HTML 1Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 2Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 3Page - Bruckewell Technology LTD 2SC1623 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC1623
Silicon PNP Epitaxial Type Transistor
Publication Order Number: [2SC1623]
© Bruckewell Technology Corporation Rev. A -2014
Features
• High DC current gain:hFE=200TYP
(VCE=6.0V,IC=1.0mA).
• High Voltage:VCEO=50V
• RoHS compliant package
Applications
NPN Silicon Epitaxial Planar Transistor.
Audio frequency general purpose amplifier.
Packing & Order Information
3,000/Reel
Graphic symbol


Similar Part No. - 2SC1623

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
NPN General Purpose Transistors
logo
Micro Commercial Compon...
2SC1623 MCC-2SC1623 Datasheet
62Kb / 1P
NPN Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
2SC1623 TEL-2SC1623 Datasheet
67Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
203Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC1623

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
TPC6603 TOSHIBA-TPC6603 Datasheet
156Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Guangdong Kexin Industr...
2SA1162 KEXIN-2SA1162 Datasheet
86Kb / 2P
Silicon PNP Epitaxial Type Transistor
2SA1832 KEXIN-2SA1832 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Type Transistor
logo
Toshiba Semiconductor
2SA2219 TOSHIBA-2SA2219 Datasheet
171Kb / 5P
Transistor Silicon PNP Epitaxial Type
2SA2220 TOSHIBA-2SA2220 Datasheet
173Kb / 5P
Transistor Silicon PNP Epitaxial Type
TPC6601 TOSHIBA-TPC6601 Datasheet
158Kb / 5P
Transistor Silicon PNP Epitaxial Type
TPC6604 TOSHIBA-TPC6604 Datasheet
165Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Bruckewell Technology L...
2SA1162 BWTECH-2SA1162 Datasheet
410Kb / 4P
Silicon PNP Epitaxial Type Transistor
logo
Galaxy Semi-Conductor H...
HM879 BILIN-HM879 Datasheet
156Kb / 3P
SILICON PNP EPITAXIAL TYPE TRANSISTOR
Rev.A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com