Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AX Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SD103AX
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SD103AX Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SD103AX Datasheet HTML 1Page - Diode Semiconductor Korea SD103AX Datasheet HTML 2Page - Diode Semiconductor Korea SD103AX Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diode
SD103AX
FEATURES
Low forward voltage drop.
Guard ring construction for transient protection.
Low reverse recovery time.
Low reverse capacitance.
APPLICATIONS
SOD-523
Schottky barrier application.
ORDERING INFORMATION
Type No.
Marking
Package Code
SD103AX
S4
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
DC Reverse voltage
VR
40
V
Continuous forward current
IF
350
mA
Repetitive peak forward current @t≤1.0s
IFRM
1
A
Total power dissipation
Ptot
400
mW
Total resistance junction to ambient
RθJA
300
℃/W
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-65-125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
40
V
IR=100μA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
IR
5.0
μA
VR=30V
Diode capacitance
Cd
50
pF
VR=0V,f=1MHz
Reverse recovery time
trr
10
ns
IF=IR=50mA,RL=100Ω
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SD103AX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
Schottky Plastic-Encapsulated Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
logo
Shenzhen Jin Yu Semicon...
SD103AX HTSEMI-SD103AX Datasheet
3Mb / 1P
SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
167Kb / 2P
40V , 0.35A Schottky Plastic-Encapsulated Diode
More results

Similar Description - SD103AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com