Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F241FN Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 17Page - Texas Instruments TMS320F241FN Datasheet HTML 18Page - Texas Instruments TMS320F241FN Datasheet HTML 19Page - Texas Instruments TMS320F241FN Datasheet HTML 20Page - Texas Instruments TMS320F241FN Datasheet HTML 21Page - Texas Instruments TMS320F241FN Datasheet HTML 22Page - Texas Instruments TMS320F241FN Datasheet HTML 23Page - Texas Instruments TMS320F241FN Datasheet HTML 24Page - Texas Instruments TMS320F241FN Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory maps
Reserved
Illegal
Illegal
0000
005F
0060
01FF
02FF
0300
0200
03FF
0400
7000
Peripheral Memory-
Mapped Registers
(System,WD, ADC,
SCI, SPI, CAN, I/O,
Interrupts)
73FF
7400
743F
7440
Data
Hex
007F
8000
External
FFFF
7FFF
Memory-Mapped
Registers/Reserved
Addresses
On-Chip
DARAM B2
On-Chip DARAM
(B0)‡ (CNF = 0)
Reserved (CNF = 1)
On-Chip
DARAM (B1)§
6FFF
Peripheral
Memory-Mapped
Registers
(Event Manager)
0000
003F
0040
FEFF
FDFF
FE00
Hex
1FFF
2000
External
On-Chip DARAM
(B0)† (CNF = 1)
External (CNF = 0)
Program
FF00
FFFF
Illegal
Reserved†
(CNF = 1)
External (CNF = 0)
0000
External
FF0E
I/O
Hex
FFFF
Wait-State Generator
Control Register
(On-Chip)
Flash Control
Mode Register
Reserved
FEFF
FF00
FF10
FFFE
FF0F
On-Chip FLASH memory, (8K) − if MP/MC = 0
External Program Memory
− if MP/MC = 1
Interrupt
Vector Table
User Code in
Flash Memory
Reserved
0080
00FF
0100
Reserved
04FF
0500
† When CNF = 1, addresses FE00h−FEFFh and FF00h−FFFFh are mapped to the same physical block (B0) in program-memory space. For
example, a write to FE00h will have the same effect as a write to FF00h. For simplicity, addresses FE00h−FEFFh are referred to as reserved
when CNF = 1.
‡ When CNF = 0, addresses 0100h−01FFh and 0200h−02FFh are mapped to the same physical block (B0) in data-memory space. For example,
a write to 0100h will have the same effect as a write to 0200h. For simplicity, addresses 0100h−01FFh are referred to as reserved.
§ Addresses 0300h−03FFh and 0400h−04FFh are mapped to the same physical block (B1) in data-memory space. For example, a write to 0400h
has the same effect as a write to 0300h. For simplicity, addresses 0400h−04FFh are referred to as Reserved.
Figure 1. TMS320F243 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com