Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F241FN Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLERS
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F241FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 9Page - Texas Instruments TMS320F241FN Datasheet HTML 10Page - Texas Instruments TMS320F241FN Datasheet HTML 11Page - Texas Instruments TMS320F241FN Datasheet HTML 12Page - Texas Instruments TMS320F241FN Datasheet HTML 13Page - Texas Instruments TMS320F241FN Datasheet HTML 14Page - Texas Instruments TMS320F241FN Datasheet HTML 15Page - Texas Instruments TMS320F241FN Datasheet HTML 16Page - Texas Instruments TMS320F241FN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions - F243 PGE Package (Continued)
NAME
144
LQFP
TYPE†
RESET
STATE‡
DESCRIPTION
NAME
NO.
TYPE†
STATE‡
DESCRIPTION
TEST SIGNALS (CONTINUED)
TRST
30
I
I
JTAG test reset with internal pulldown. TRST, when driven high, gives
the scan system control of the operations of the device. If this signal is
not connected or driven low, the device operates in its functional mode,
and the test reset signals are ignored.
(
↓)
EMU0
45
I/O
I
Emulator I/O pin 0 with internal pullup. When TRST is driven high, this
pin is used as an interrupt to or from the emulator system and is defined
as input/output through the JTAG scan.
(
↑)
EMU1/OFF
47
I/O
I
Emulator I/O pin 1 with internal pullup. When TRST is driven high, this
pin is used as an interrupt to or from the emulator system and is defined
as input/output through JTAG scan.
(
↑)
SUPPLY SIGNALS
14
15
36
36
36
37
40
70
70
VSSO
73
−
−
Digital logic and buffer ground reference
VSSO
108
−
−
Digital logic and buffer ground reference
111
117
124
129
129
131
34
39
VDDO
72
−
−
Digital logic and buffer supply voltage
VDDO
75
−
−
Digital logic and buffer supply voltage
106
109
17
VDD
53
−
−
Digital logic supply voltage
VDD
125
−
−
Digital logic supply voltage
16
VSS
32
−
−
Digital logic ground reference
VSS
51
−
−
Digital logic ground reference
127
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ At reset, the device comes up with AVIS mode enabled. The data bus is in output mode while AVIS is enabled.
NOTE: Bold, italicized pin names indicate pin function after reset.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is 150
µA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com