Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F008ASB Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F008ASB
Description  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008ASB Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F008ASB Datasheet HTML 1Page - Texas Instruments TMS28F008ASB Datasheet HTML 2Page - Texas Instruments TMS28F008ASB Datasheet HTML 3Page - Texas Instruments TMS28F008ASB Datasheet HTML 4Page - Texas Instruments TMS28F008ASB Datasheet HTML 5Page - Texas Instruments TMS28F008ASB Datasheet HTML 6Page - Texas Instruments TMS28F008ASB Datasheet HTML 7Page - Texas Instruments TMS28F008ASB Datasheet HTML 8Page - Texas Instruments TMS28F008ASB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Organization . . . 1048576 By 8 Bits
524 288 By 16 Bits
D Array-Blocking Architecture
− Two 8K-Byte/4K-Word Parameter Blocks
− One 96K-Byte/48K-Word Main Block
− Seven 128K-Byte/64K-Word Main Blocks
− One 16K-Byte/8K-Word Protected Boot
Block
− Top or Bottom Boot Locations
D All Inputs/Outputs TTL-Compatible
D Maximum Access/Minimum Cycle Time
5-V VCC 3-V VCC
’28F008Axy70
70 ns
100 ns
’28F008Axy80
80 ns
120 ns
’28F800Axy70
70 ns
100 ns
’28F800Axy80
80 ns
120 ns
(See Table 1 for VCC/VPP Voltage
Configuration)
D 100000- and 10000-Program/Erase Cycle
Versions
D Three Temperature Ranges
− Commercial ...0
°C to 70°C
− Extended ...− 40
°C to 85°C
− Automotive ...− 40
°C to 125°C
D Embedded Program/Erase Algorithms
− Automated Byte Programming
− Automated Word Programming
− Automated Block Erase
− Erase Suspend/Erase Resume
D Automatic Power-Saving Mode
D JEDEC Standards Compatible
− Compatible With JEDEC Byte/Word
Pinouts
− Compatible With JEDEC EEPROM
Command Set
D Fully Automated On-Chip Erase and
Byte / Word Program Operations
D Package Options
− 44-Pin Plastic Small-Outline Package
(PSOP) (DBJ Suffix)
− 40-Pin Thin Small-Outline Package
(TSOP) (DCD Suffix)
− 48-Pin TSOP (DCD Suffix)
− 48-Ball Micro Ball Grid Array
(
µBGAt) available
D Low Power Dissipation (VCC = 5.5 V)
− Active Write . . . 330 mW ( Byte Write)
− Active Read ...220 mW ( Byte Read)
− Active Write . . . 330 mW ( Word Write)
− Active Read ...275 mW ( Word Read)
− Block Erase . . . 330 mW
− Standby . . . 0.55 mW (CMOS-Input
Levels)
− Deep Power-Down Mode . . . 0.044 mW
D Write-Protection for Boot Block
D Industry Standard Command-State Machine
(CSM)
− Erase Suspend/Resume
− Algorithm-Selection Identifier
D Flexible VPP/Supply Voltage Combination
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PIN NOMENCLATURE
A0 − A18
Address Inputs
A0 − A19
Address Inputs (for 40-pin TSOP only)
BYTE
Byte Enable
DQ0 − DQ14 Data In / Out
DQ15/A −1 Data In / Out (word-wide mode),
Low-Order Address (byte-wide mode)
CE
Chip Enable
OE
Output Enable
NC
No Internal Connection
RP
Reset / Deep Power Down
VCC
Power Supply
VPP
Power Supply for Program / Erase
VSS
Ground
WE
Write Enable
WP
Write Protect (for 40-pin and 48-pin
TSOP only)
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
µBGA is a trademark of Tessera, Inc.


Similar Part No. - TMS28F008ASB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F008ASB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
logo
Texas Instruments
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI1-TMS28F004AXY_08 Datasheet
1Mb / 80P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com