Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31C Datasheet(PDF) 7 Page - Texas Instruments

Part # AM26LS31C
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31C Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26LS31C Datasheet HTML 3Page - Texas Instruments AM26LS31C Datasheet HTML 4Page - Texas Instruments AM26LS31C Datasheet HTML 5Page - Texas Instruments AM26LS31C Datasheet HTML 6Page - Texas Instruments AM26LS31C Datasheet HTML 7Page - Texas Instruments AM26LS31C Datasheet HTML 8Page - Texas Instruments AM26LS31C Datasheet HTML 9Page - Texas Instruments AM26LS31C Datasheet HTML 10Page - Texas Instruments AM26LS31C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VCC = 5 V
VI − Data Input Voltage − V
VCC = 4.75 V
No Load
TA = 25 C
°
VCC = 5.25 V
4
3
2
1
0
0
1
2
3
5
TA = 25 C
°
No Load
TA = 0 C
°
TA = 70 C
°
VI − Data Input Voltage − V
4
3
2
1
0
0
1
2
3
5
TA − Free-Air Temperature − C
°
VCC = 5 V
IOL = 40 mA
See Note B
0.4
0.3
0.2
0.1
0
25
50
75
0.5
0
IOL − Low-Level Output Current − mA
VCC = 5.25 V
VCC = 4.75 V
TA = 25 C
°
See Note B
0.4
0.3
0.2
0.1
0
40
80
120
0.5
0
100
60
20
0.6
0.7
0.8
0.9
1
7
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 7. Low-Level Output Voltage vs Free-Air Temperature
B. The A input is connected to ground during testing of the Y
outputs and to VCC during testing of the Z outputs.
Figure 8. Low-Level Output Voltage vs Low-Level Output
Current
Figure 9. Y Output Voltage vs Data Input Voltage
Figure 10. Y Output Voltage vs Data Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com