Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31C Datasheet(PDF) 9 Page - Texas Instruments

Part # AM26LS31C
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31C Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM26LS31C Datasheet HTML 5Page - Texas Instruments AM26LS31C Datasheet HTML 6Page - Texas Instruments AM26LS31C Datasheet HTML 7Page - Texas Instruments AM26LS31C Datasheet HTML 8Page - Texas Instruments AM26LS31C Datasheet HTML 9Page - Texas Instruments AM26LS31C Datasheet HTML 10Page - Texas Instruments AM26LS31C Datasheet HTML 11Page - Texas Instruments AM26LS31C Datasheet HTML 12Page - Texas Instruments AM26LS31C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1Z
1Y
G
G
1A
4
12
1
2
3
2Z
2Y
2A
7
6
5
3Z
3Y
3A
9
10
11
4Z
4Y
4A
15
14
13
Copyright © 2016, Texas Instruments Incorporated
9
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The AM26LS31x differential bus transmitter is a monolithic integrated circuit designed for unidirectional data
communication on transmission lines. It is designed for balanced transmission lines and meets ANSI Standard
EIA/TIA-422-B and ITU Recommendation V.11.
The AM26LS31x has a four 3-state differential line drivers that operate from a single 5-V power supply. The
driver also integrates active-high and active-low enables for precise device control.
The driver is designed to handle loads of a minimum of ±30 mA of sink or source current. The driver features
positive- and negative-current limiting for protection from line fault conditions.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Complementary Output-Enable Inputs
The AM26LS31x can be configured using the G and G logic inputs to control transmitter outputs. Setting either G
to a logic HIGH or G to an logic LOW enables the transmitter outputs. If G is set to logic LOW and G is set to
logic HIGH, the transmitter outputs are disabled. See Table 1 for a complete truth table.
8.3.2 High Output Impedance in Power-Off Conditions
When the AM26LS31x transmitter outputs are disabled using G and G, the outputs are set to a high impedance
state.
8.3.3 Complementary Outputs
The AM26LS31x is the driver half of a pair of devices, with the AM26LS32 being the complementary receiver. TI
recommends using these devices together for optimal performance, but any RS-422 compliant receive must
ensure proper RS-422 communication and logic level translation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com