Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31M
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31M Datasheet(HTML) 5 Page - Texas Instruments

  AM26LS31M Datasheet HTML 1Page - Texas Instruments AM26LS31M Datasheet HTML 2Page - Texas Instruments AM26LS31M Datasheet HTML 3Page - Texas Instruments AM26LS31M Datasheet HTML 4Page - Texas Instruments AM26LS31M Datasheet HTML 5Page - Texas Instruments AM26LS31M Datasheet HTML 6Page - Texas Instruments AM26LS31M Datasheet HTML 7Page - Texas Instruments AM26LS31M Datasheet HTML 8Page - Texas Instruments AM26LS31M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
www.ti.com
SLLS114K – JANUARY 1979 – REVISED JULY 2016
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2016, Texas Instruments Incorporated
(1)
For C-suffix devices, VCC min = 4.75 V and VCC max = 5.25 V. For M-suffix devices, VCC min = 4.5 V and VCC max = 5.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN, II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN, IOH = –20 mA
2.5
V
VOL
Low-level output voltage
VCC = MIN, IOL = 20 mA
0.5
V
IOZ
Off-state (high-impedance-state)
output current
VCC = MIN,
VO = 0.5 V
–20
μA
VO = 2.5 V
20
II
Input current at maximum input voltage
VCC = MAX, VI = 7 V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7 V
20
μA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–0.36
mA
IOS
Short-circuit output current(3)
VCC = MAX
–30
–150
mA
ICC
Supply current
VCC = MAX, all outputs disabled
32
80
mA
6.6 Switching Characteristics – AM26LS31
TA = 25°C, VCC = 5 V (see Figure 11)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to
high-level output
CL = 30 pF, S1 and S2 open
14
20
ns
tPHL
Propagation delay time, high- to
low-level output
14
20
tPZH
Output enable time to high level
CL = 30 pF
RL = 75 Ω
25
40
ns
tPZL
Output enable time to low level
RL = 180 Ω
37
45
tPHZ
Output disable time from high level
CL = 10 pF, S1 and S2 closed
21
30
ns
tPLZ
Output disable time from low level
23
35
tSKEW
Output-to-output skew
CL = 30 pF, S1 and S2 open
1
6
ns
6.7 Switching Characteristics – AM26LS31M
TA = 25°C, VCC = 5 V (see Figure 11)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
Propagation delay time, low- to high-
level output
CL = 30 pF, S1 and S2 open
30
ns
tPHL
Propagation delay time, high- to low-
level output
30
tPZH
Output enable time to high level
CL = 30 pF
RL = 75 Ω
60
ns
tPZL
Output enable time to low level
RL = 180 Ω
68
tPHZ
Output disable time from high level
CL = 10 pF, S1 and S2 closed
45
ns
tPLZ
Output disable time from low level
53
tSKEW
Output-to-output skew
CL = 30 pF, S1 and S2 open
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com