Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31M
Description  Quadruple Differential Line Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS31M Datasheet(HTML) 1 Page - Texas Instruments

  AM26LS31M Datasheet HTML 1Page - Texas Instruments AM26LS31M Datasheet HTML 2Page - Texas Instruments AM26LS31M Datasheet HTML 3Page - Texas Instruments AM26LS31M Datasheet HTML 4Page - Texas Instruments AM26LS31M Datasheet HTML 5Page - Texas Instruments AM26LS31M Datasheet HTML 6Page - Texas Instruments AM26LS31M Datasheet HTML 7Page - Texas Instruments AM26LS31M Datasheet HTML 8Page - Texas Instruments AM26LS31M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
22 k
To Three Other Drivers
Common to All Four Drivers
GND
Enable G
Enable G
VCC
V
V
Output Y
9
Input A
22 k
22 k
All resistor values are nominal.
Output Z
9
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114K – JANUARY 1979 – REVISED JULY 2016
AM26LS31x Quadruple Differential Line Driver
1
1 Features
1
•
Meets or Exceeds the Requirements of ANSI
TIA/EIA-422-B and ITU
•
Operates From a Single 5-V Supply
•
TTL-Compatible
•
Complementary Outputs
•
High Output Impedance in Power-Off Conditions
•
Complementary Output-Enable Inputs
•
Available MIL-PRF-38535-Qualified Options (M):
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
2 Applications
•
Motor Encoders
•
Field Transmitters: Pressure Sensors and
Temperature Sensors
•
Military and Avionics Imaging
•
Temperature Sensors or Controllers Using
Modbus
3 Description
The AM26LS31 family of devices is a quadruple
complementary-output line driver designed to meet
the requirements of ANSI TIA/EIA-422-B and ITU
(formerly CCITT) Recommendation V.11. The 3-state
outputs
have
high-current
capability
for
driving
balanced lines such as twisted-pair or parallel-wire
transmission
lines,
and
they
are
in
the
high-
impedance state in the power-off condition. The
enable function is common to all four drivers and
offers the choice of an active-high or active-low
enable (G, G) input. Low-power Schottky circuitry
reduces
power
consumption
without
sacrificing
speed.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AM26LS31MFK
LCCC (20)
8.89 mm × 8.89 mm
AM26LS31MJ
CDIP (16)
19.60 mm × 6.92 mm
AM26LS31MW
CFP (16)
10.30 mm × 6.73 mm
AM26LS31CD
SOIC (16)
9.90 mm × 3.91 mm
AM26LS31CDB
SSOP (16)
6.20 mm × 5.30 mm
AM26LS31CN
PDIP (16)
19.30 mm × 6.35 mm
AM26LS31xNS
SO (16)
10.30 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Schematic (Each Driver)


Similar Part No. - AM26LS31M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS31M TI-AM26LS31M Datasheet
559Kb / 18P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31M TI-AM26LS31M Datasheet
849Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31M TI-AM26LS31M Datasheet
813Kb / 21P
QUADRUPLE DIFFRENTIAL LINE DRIVER
AM26LS31M TI-AM26LS31M Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31M TI-AM26LS31M Datasheet
1Mb / 34P
AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
More results

Similar Description - AM26LS31M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com