Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608TH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3608TH
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608TH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3608TH Datasheet HTML 1Page - NXP Semiconductors TDA3608TH Datasheet HTML 2Page - NXP Semiconductors TDA3608TH Datasheet HTML 3Page - NXP Semiconductors TDA3608TH Datasheet HTML 4Page - NXP Semiconductors TDA3608TH Datasheet HTML 5Page - NXP Semiconductors TDA3608TH Datasheet HTML 6Page - NXP Semiconductors TDA3608TH Datasheet HTML 7Page - NXP Semiconductors TDA3608TH Datasheet HTML 8Page - NXP Semiconductors TDA3608TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2003 Nov 28
4
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
BLOCK DIAGRAM
handbook, full pagewidth
MGK602
REGULATOR 2
REGULATOR 3
REGULATOR 1
(17) 13
(16) 12
(8) 5
TEMPERATURE
AND LOAD DUMP
PROTECTION
1 (3)
7 (10)
4 (6)
6 (9)
9 (12)
10 (14)
POWER SWITCH
BACKUP SWITCH
BACKUP CONTROL
&
&
&
GND
n.c.
(1, 2, 7, 13, 18, 19, 20)
(14.4 V)
TDA3608Q
(TDA3608TH)
RES
REG2
REG3
REG1
(14.2 V/1.8 A)
(14.2 V/100 mA)
(5 V/150 mA)
(5 V/400 mA)
(8.5 V/600 mA)
SW
VP
ENSW
EN3
EN1
CRES
BU
HOLD
hold enable
(11) 8
(4) 2
(5) 3
(15) 11
Fig.1 Block diagram.
Numbers in parenthesis refer to type number TDA3608TH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com