Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3608TH
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3608TH Datasheet HTML 9Page - NXP Semiconductors TDA3608TH Datasheet HTML 10Page - NXP Semiconductors TDA3608TH Datasheet HTML 11Page - NXP Semiconductors TDA3608TH Datasheet HTML 12Page - NXP Semiconductors TDA3608TH Datasheet HTML 13Page - NXP Semiconductors TDA3608TH Datasheet HTML 14Page - NXP Semiconductors TDA3608TH Datasheet HTML 15Page - NXP Semiconductors TDA3608TH Datasheet HTML 16Page - NXP Semiconductors TDA3608TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
2003 Nov 28
13
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
10. The peak current of 300 mA can only be applied for short periods (t < 100 ms).
11. The dropout voltage is measured between pins BU and REG2.
12. The dropout voltage of the power switch is measured between pins VP and SW.
13. The maximum output current of the power switch is limited to 1.8 A when VP >18V.
14. During short-circuit, current Isc of the power switch is held constant to a lower value than the continuous current after
a delay of at least 10 ms. Furthermore, a foldback function is activated after the delay. When VSW < 3.5 V, the
short-circuit current is reduced to 0.5 A (typical value). The short-circuit protection of the power switch functions best
when C1 = 220
µF and C2 = 10 µF.
15. The reverse current of the backup switch is the current which is flowing out of pin VP at VP =0V.
handbook, halfpage
≥300
MGT571
8.5
2
VREG1
(V)
Isc
IREG1 (mA)
Im
Fig.8 Foldback current protection of regulator 1.
handbook, halfpage
≥50
MGT572
5.0
1
Isc
Im
VREG2
(V)
IREG2 (mA)
Fig.9 Foldback current protection of regulator 2.
handbook, halfpage
≥200
MGT573
5.0
1
Isc
Im
VREG3
(V)
IREG3 (mA)
Fig.10 Foldback current protection of regulator 3.
handbook, halfpage
MGT574
14.2
3
VSW
(V)
0.5
ISW (A)
2
(1)
Fig.11 Current protection of power switch.
(1) Delayed; time depends on value of capacitor C7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com