Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTL4C1QL1L Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTL4C1QL1L
Description  40GBASE-LR4 QSFP Optical Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QL1L Datasheet(HTML) 4 Page - Finisar Corporation.

  FTL4C1QL1L Datasheet HTML 1Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 2Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 3Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 4Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 5Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 6Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 7Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FTL4C1QL1L Product Specification
 Finisar Corporation October 2015
Rev C1
Page 4
III.
11B
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
Case Operating Temperature
TOP
15
60
C
Relative Humidity
RH
0
85
%
1
Damage Threshold, per Lane
DT
3.4
dBm
U
Notes
U
:
1.
Non-condensing.
IV.
1B
Electrical Characteristics (TOP = 0 to 70C, VCC = 3.1 to 3.47 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc1,
VccTx,
VccRx
3.1
3.47
V
Supply Current
Icc
1.13
A
Link turn-on time
Transmit turn-on time
2000
ms
2
Transmitter (per Lane)
Single ended input voltage tolerance
VinT
-0.3
4.0
V
Differential data input swing
Vin,pp
120
1200
mVpp
3
Differential input threshold
50
mV
AC common mode input voltage tolerance
(RMS)
15
mV
Differential input return loss
Per IEEE P802.3ba,
Section 86A.4.1.1
dB
4
J2 Jitter Tolerance
Jt2
0.17
UI
J9 Jitter Tolerance
Jt9
0.29
UI
Data Dependent Pulse Width Shrinkage
DDPWS
0.07
UI
Eye mask coordinates {X1, X2
Y1, Y2}
0.11, 0.31
95, 350
UI
mV
5
Receiver (per Lane)
Single-ended output voltage
-0.3
4.0
V
Differential data output swing
Vout,pp
200
400
mVpp
6, 7
300
600
400
550
800
600
1200
AC common mode output voltage (RMS)
7.5
mV
Termination mismatch at 1 MHx
5
%
Differential output return loss
Per IEEE P802.3ba,
Section 86A.4.2.1
dB
4
Common mode output return loss
Per IEEE P802.3ba,
Section 86A.4.2.2
dB
4
Output transition time, 20% to 80%
28
ps
J2 Jitter output
Jo2
0.42
UI
J9 Jitter output
Jo9
0.65
UI
Eye mask coordinates #1 {X1, X2
Y1, Y2}
0.29, 0.5
150, 425
UI
mV
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com