Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTL4C1QL1L Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTL4C1QL1L
Description  40GBASE-LR4 QSFP Optical Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QL1L Datasheet(HTML) 3 Page - Finisar Corporation.

  FTL4C1QL1L Datasheet HTML 1Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 2Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 3Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 4Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 5Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 6Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 7Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FTL4C1QL1L Product Specification
 Finisar Corporation October 2015
Rev C1
Page 3
27
ModPrsL
Module Present
28
IntL
Interrupt
29
Vcc Tx
+3.3 V Power supply transmitter
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
32
GND
Ground
1
33
Tx3p
Transmitter Non-Inverted Data Input
34
Tx3n
Transmitter Inverted Data Input
35
GND
Ground
1
36
Tx1p
Transmitter Non-Inverted Data Input
37
Tx1n
Transmitter Inverted Data Input
38
GND
Ground
1
U
Notes
1.
Circuit ground is internally isolated from chassis ground.
II.
0B
General Product Characteristics
Parameter
Value
Unit
Notes
Module Form Factor
QSFP+
Maximum Aggregate Data Rate
41.2
Gb/s
Maximum Data Rate per Lane
10.3
Gb/s
Higher bit rates may be supported.
Please contact Finisar.
Protocols Supported
Typical applications include
40G Ethernet, Infiniband,
Fibre Channel,
SATA/SAS3
Electrical Interface and Pin-out
38-pin edge connector
Pin-out as defined by the
QSFP+ MSA
Maximum Power Consumption
3.5
Watts
Management Interface
Serial, I2C-based, 400 kHz
maximum frequency
As defined by the QSFP+ MSA
Data Rate Specifications
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate per Lane
BR
10,313
Mb/sec
1
Bit Error Ratio
BER
10
-12
2
Link distance on SMF-28
d
10
kilometers
3
U
Notes
U
:
1.
Compliant with 40GBASE-LR4 and XLPPI per IEEE 802.3ba. Compatible with 1/10 Gigabit Ethernet
and 1/2/4/8/10G Fibre Channel.
2.
Tested with a PRBS 2
31-1 test pattern.
3.
Per 40GBASE-LR4, IEEE 802.3ba



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com