Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 69Page - Texas Instruments TMS570LS0232 Datasheet HTML 70Page - Texas Instruments TMS570LS0232 Datasheet HTML 71Page - Texas Instruments TMS570LS0232 Datasheet HTML 72Page - Texas Instruments TMS570LS0232 Datasheet HTML 73Page - Texas Instruments TMS570LS0232 Datasheet HTML 74Page - Texas Instruments TMS570LS0232 Datasheet HTML 75Page - Texas Instruments TMS570LS0232 Datasheet HTML 76Page - Texas Instruments TMS570LS0232 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
Table 7-7. MibADC Operating Characteristics Over Full Ranges of Recommended Operating Conditions
PARAMETER
DESCRIPTION/CONDITIONS
MIN
TYP
MAX
UNIT
Conversion range
over which
CR
specified
ADREFHI - ADREFLO
3
3.6
V
accuracy is
maintained
With ADC
1
Calibration
10-bit mode
Without ADC
2
Difference between the first ideal
Calibration
ZSET
Offset Error
transition (from code 000h to 001h) and
LSB(1)
With ADC
the actual transition
2
Calibration
12-bit mode
Without ADC
4
Calibration
Difference between the last ideal
10-bit mode
2
FSET
Gain Error
transition (from code FFEh to FFFh)
LSB
12-bit mode
3
and the actual transition minus offset.
Difference between the actual step
10-bit mode
± 1.5
Differential
EDNL
width and the ideal value.
LSB
nonlinearity error
12-bit mode
± 2
(See Figure 7-2)
Maximum deviation from the best
10-bit mode
± 2
straight line through the MibADC.
Integral
EINL
MibADC transfer characteristics,
LSB
nonlinearity error
12-bit mode
± 2
excluding the quantization error.
(See Figure 7-3)
With ADC
± 2
Calibration
10-bit mode
Without ADC
± 4
Maximum value of the difference
Calibration
Total unadjusted
ETOT
between an analog value and the ideal
LSB
error
With ADC
midstep value. (See Figure 7-4)
± 4
Calibration
12-bit mode
Without ADC
± 7
Calibration
(1)
1 LSB = (ADREFHI – ADREFLO)/ 2
n where n = 10 in 10-bit mode and 12 in 12-bit mode
Copyright © 2014–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com