Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS0232 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0232
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0232 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS570LS0232 Datasheet HTML 9Page - Texas Instruments TMS570LS0232 Datasheet HTML 10Page - Texas Instruments TMS570LS0232 Datasheet HTML 11Page - Texas Instruments TMS570LS0232 Datasheet HTML 12Page - Texas Instruments TMS570LS0232 Datasheet HTML 13Page - Texas Instruments TMS570LS0232 Datasheet HTML 14Page - Texas Instruments TMS570LS0232 Datasheet HTML 15Page - Texas Instruments TMS570LS0232 Datasheet HTML 16Page - Texas Instruments TMS570LS0232 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
4.2.8
Multibuffered Analog-to-Digital Converter (MibADC)
Table 4-8. Multibuffered Analog-to-Digital Converter (MibADC)
TERMINAL
SIGNAL TYPE
RESET
PULL TYPE
DESCRIPTION
PULL
SIGNAL NAME
100
STATE
PZ
ADEVT/N2HET[28]
58
I/O
Pullup
Programmable,
ADC event trigger or GPIO
20 µA
ADIN[0]
42
Input
N/A
None
Analog inputs
ADIN[1]
49
ADIN[2]
51
ADIN[3]
52
ADIN[4]
54
ADIN[5]
55
ADIN[6]
56
ADIN[7]
43
ADIN[8]
57
ADIN[9]
48
ADIN[10]
50
ADIN[11]
53
ADIN[16]
40
ADIN[17]
41
ADIN[20]
44
ADIN[21]
45
VCCAD/ADREFHI
46
Input/Power
N/A
None
ADC high reference level/ADC operating supply
VSSAD/ADREFLO
47
Input/Ground
N/A
None
ADC low reference level/ADC supply ground
4.2.9
System Module
Table 4-9. System Module
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
ECLK
84
I/O
Pulldown
Programmable,
External prescaled clock output, or GPIO.
20 µA
GIOA[5]/EXTCLKIN
10
Input
Pulldown
20 µA
External Clock In
nPORRST
31
Input
Pulldown
100 µA
Power-on reset, cold reset External power supply
monitor circuitry must drive nPORRST low when
any of the supplies to the microcontroller fall out
of the specified range. This terminal has a glitch
filter.
nRST
81
I/O
Pullup
100 µA
The external circuitry can assert a system reset
by driving nRST low. To ensure that an external
reset is not arbitrarily generated, TI recommends
that an external pullup resistor is connected to
this terminal. This terminal has a glitch filter.
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: TMS570LS0232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com