Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 29Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 30Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 31Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 32Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 33Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 34Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 35Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 36Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
Functional Overview
33
December 1999 − Revised October 2008
SPRS122F
3.2.1.1
DMA Controller Features
The 5441 DMA has the following features:
•
The DMA operates independently of the CPU.
•
The DMA has six channels. The DMA can keep track of the contexts of six independent block transfers.
•
The DMA has higher priority than the CPU.
•
Each channel has independently programmable priority.
•
Each channel’s source and destination address registers include configurable indexing modes. The
address can be held constant, postincremented, postdecremented, or adjusted by a programmable value.
•
Each read or write transfer can be initialized by selected events.
•
The DMA supports single-word (16-bit) and double-word (32-bit) transfers.
•
Each DMA channel has independent reload registers.
•
Each DMA channel has independent extended source/destination data page registers.
•
The DMA does not support I/O memory access.
A 16-bit DMA transfer requires four CPU clock cycles to complete—two cycles for reads and two cycles for
writes. Since the DMA controller shares the DMA bus with the HPI module, the DMA access rate is reduced
when the HPI is active.
3.2.1.2
DMA Reload Registers
Each DMA channel has its own reload registers which are utilized when autoinitialization is enabled for the
current DMA channel. The reload registers include:
•
Source address reload register (DMGSAn)
•
Destination address reload register (DMGDAn)
•
Element count reload register (DMGCRn)
•
Frame count reload register (DMGFRn)
The “n” in the register names refers to DMA channel number: 0, 1, 2, 3, 4, and 5.
In the DMPREC register, bit 14 (IAUTO) is used to enable individual reload register for each channel. If that
bit is not set, the channel 0 reload register will be loaded to all chanels (this is backward compatible).
3.2.1.3
Extended Source/Destination Data Page Registers (DMSRCDPn/DMDSTDPn)
The DMA controller has the ability to perform transfers to and from the extended data memory space. The
DMA extended source data page register and extended destination data page register service this purpose
and only the least significant seven bits are used to designate the extended data memory page. Each of the
DMA channels will have one set of these registers for extended data memory page (other than page 0) access.
Data memory space transfers cannot cross 64K page boundaries. If a data page boundary is crossed during
a transfer, the next transfer will wrap on to the same page.
For detailed information on DMA registers, see TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302).
3.2.1.4
DMA Controller Synchronization Events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN
bit field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization
event for a channel. The list of possible events and the DSYN values are shown in Table 3−1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com