Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 48Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 49Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 50Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 51Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 52Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 53Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 54Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 55Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Functional Overview
52
December 1999 − Revised October 2008
SPRS122F
The lock timer is activated when the operating mode of the clock generator is switched from DIV to PLL. During
the lockup period, the clock generator continues to operate in DIV mode; after the PLL lock timer decrements
to zero, the PLL begins clocking the 5441.
Accordingly, the value loaded into PLLCOUNT is chosen based on the following formula:
PLLCOUNT
+
Lockup Time
16
T
CLKIN
where TCLKIN is the input reference clock period and lockup time is the required VCO lockup time, as shown
in Table 3−17.
Table 3−17. VCO Lockup Time
CLKOUT FREQUENCY (MHz)
LOCKUP TIME (
µs)†
5
23
10
17
20
16
40
19
60
24
80
29
100
35
135
45
† Approximate values
3.2.6.2
CLKMD Register Initialization At Reset
The clock mode pin (CLKMD) is used to initialize the PLL to a known value at reset. The CLKMD pin is sampled
when the reset signal is low. Only global reset (RESET) will reset the PLL. Subsystem A local reset (A_RS)
has no effect on the PLL.
Table 3−18. PLL Initialization at Reset
CLKMD PIN
PLL MODE
0
Bypass
1
CLKINx2
3.2.7 General-Purpose I/O
The 5441 has 16 general-purpose I/O pins. These pins are:
A_GPIO0, A_GPIO1, A_GPIO2, A_GPIO3
B_GPIO0, B_GPIO1, B_GPIO2, B_GPIO3
C_GPIO0, C_GPIO1, C_GPIO2, C_GPIO3
D_GPIO0, D_GPIO1, D_GPIO2, D_GPIO3
Four bits of general-purpose I/O are available to each core. Each GPIO pin can be individually selected as
either an input or an output through the GPIO register. The x_XF, x_BIO, and timer output are selectable on
GPIO pins 0, 1, and 3 through the GPIO register also. Each output driver has an independent three-state
control. All nonreserved GPIO register bits are readable and writeable. The GPIO register bits will be set
to 0 when the core is in reset, which will configure all GPIO as inputs. GPIO data and control bits are accessible
through a memory-mapped register at 3Ch with the format shown in Figure 3−27 and the bit functions
described in Table 3−19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com