Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9859 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9859
Description  400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9859 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9859 Datasheet HTML 16Page - Analog Devices AD9859 Datasheet HTML 17Page - Analog Devices AD9859 Datasheet HTML 18Page - Analog Devices AD9859 Datasheet HTML 19Page - Analog Devices AD9859 Datasheet HTML 20Page - Analog Devices AD9859 Datasheet HTML 21Page - Analog Devices AD9859 Datasheet HTML 22Page - Analog Devices AD9859 Datasheet HTML 23Page - Analog Devices AD9859 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD9859
Rev. A | Page 22 of 24
When the CFR1<3> bit is 0 and the PWRDWNCTL input pin is
high, the AD9859 is put into a fast recovery power-down mode.
In this mode, the digital logic and the DAC digital logic are
powered down. The DAC bias circuitry, PLL, oscillator, and
clock input circuitry is NOT powered down.
When the CFR1<3> bit is high and the PWRDWNCTL input
pin is high, the AD9859 is put into the full power-down mode.
In this mode, all functions are powered down. This includes
the DAC and PLL, which take a significant amount of time to
power up.
When the PWRDWNCTL input pin is high, the individual
power-down bits (CFR1<7>, <5:4>) are invalid (Don’t Care)
and unused. When the PWRDWNCTL input pin is low, the
individual power-down bits control the power-down modes of
operation.
Note that the power-down signals are all designed such that a
Logic 1 indicates the low power mode and a Logic 0 indicates
the active or power-up mode.
Table 8 indicates the logic level for each power-down bit that
drives out of the AD9859 core logic to the analog section and
the digital clock generation section of the chip for the external
power-down operation.
Layout Considerations
For the best performance, these layout guidelines should be
observed. Always provide the analog power supply (AVDD) and
the digital power supply (DVDD) on separate supplies, even if
just from two different voltage regulators driven by a common
supply. Likewise, the ground connections (AGND, DGND)
should be kept separate as far back to the source as possible (i.e.,
separate the ground planes on a localized board, even if the
grounds connect to a common point in the system). Bypass
capacitors should be placed as close to the device pin as possi-
ble. Usually, a multitiered bypassing scheme consisting of a
small high frequency capacitor (100 pF) placed close to the
supply pin and progressively larger capacitors (0.1 µF, 10 µF)
further away from the actual supply source works best.
Table 8. Power-Down Control Functions
Control
Mode Active
Description
PWRDWNCTL = 0 CFR1<3> Don’t Care
Software Control
Digital Power-Down = CFR1<7>
DAC Power-Down = CFR1<5>
Input Clock Power-Down = CFR1<4>
PWRDWNCTL = 1 CFR1<3> = 0
External Control,
Fast Recovery Power-Down Mode
Digital Power-Down = 1’b1
DAC Power-Down = 1’b0
Input Clock Power-Down = 1’b0
PWRDWNCTL = 1 CFR1<3> = 1
External Control,
Full Power-Down Mode
Digital Power-Down = 1’b1
DAC Power-Down = 1’b1
Input Clock Power-Down = 1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com