Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM809 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM809
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM809 Datasheet HTML 2Page - Analog Devices ADM809 Datasheet HTML 3Page - Analog Devices ADM809 Datasheet HTML 4Page - Analog Devices ADM809 Datasheet HTML 5Page - Analog Devices ADM809 Datasheet HTML 6Page - Analog Devices ADM809 Datasheet HTML 7Page - Analog Devices ADM809 Datasheet HTML 8Page - Analog Devices ADM809 Datasheet HTML 9Page - Analog Devices ADM809 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
–6–
ADM803/ADM809/ADM810–Typical Performance Characteristics
TEMPERATURE ( C)
30
0
–40
–20
020
40
60
80
25
20
15
10
5
85
VCC = 5V
VCC = 3V
TPC 1. Supply Current vs. Temperature (No Load)
0
20
40
60
80
100
120
140
160
180
TEMPERATURE ( C)
–40
–20
020
40
60
80 85
VOD = 200mV
VOD = 100mV
VOD = 20mV
VOD = 10mV
VOD = VTH – VCC
200
TPC 2. Power-Down RESET Delay vs. Temperature
ADM8_L/M/J
0
20
40
60
80
100
120
140
160
180
TEMPERATURE ( C)
–40
–20
020
40
60
80 85
VOD = 200mV
VOD = 100mV
VOD = 20mV
VOD = 10mV
VOD = VTH – VCC
TPC 3. Power-Down RESET Delay vs. Temperature
ADM8_T/S/R/Z
235.0
235.5
236.0
236.5
237.0
237.5
238.0
238.5
239.0
239.5
240.0
TEMPERATURE ( C)
–40
–20
020
40
60
80 85
TPC 4. Power-Down RESET Delay vs. Temperature
ADM8_R
0.9990
1.0020
1.0015
1.0010
1.0005
1.0000
0.9995
TEMPERATURE ( C)
–40
–20
020
40
60
80 85
TPC 5. Normalized RESET Voltage Threshold vs.
Temperature
2
T
T
RESET OUTPUT
VOLTAGE
ADM809R
ADM809T
SUPPLY VOLTAGE
5VP-P
1
1
CH1
2.00V
2.00V
M 200ms
CH1
2.00V
CH2
TPC 6. RESET Output Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com