Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM809 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM809
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM809 Datasheet HTML 3Page - Analog Devices ADM809 Datasheet HTML 4Page - Analog Devices ADM809 Datasheet HTML 5Page - Analog Devices ADM809 Datasheet HTML 6Page - Analog Devices ADM809 Datasheet HTML 7Page - Analog Devices ADM809 Datasheet HTML 8Page - Analog Devices ADM809 Datasheet HTML 9Page - Analog Devices ADM809 Datasheet HTML 10Page - Analog Devices ADM809 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
ADM803/ADM809/ADM810
–7–
ADM8_L/M/J
400
350
0
110
1000
100
300
250
50
200
150
100
ADM8_R/S/T/Z
RESET COMPARATOR OVERDRIVE, VTH – VCC (mV)
TPC 7. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
INTERFACING TO OTHER DEVICES’ OUTPUT
The ADM803/ADM809/ADM810 series is designed to integrate
with as many devices as possible and, therefore, has a standard
output dependent on VCC. This enables the part to be used in
both 3 V and 5 V or any nominal voltage within the minimum
and maximum specifications for VCC. Because of this design
approach, interfacing this device to other devices is simplified.
Ensuring a Valid Reset Output Down to VCC = 0 V
When VCC falls below 0.8 V, the ADM803/ADM809’s RESET
no longer sinks current. A high impedance CMOS logic input
connected to
RESET may, therefore, drift to undetermined
logic levels. To eliminate this problem, a 100 k
Ω resistor should
be connected from
RESET to ground.
VCC
VCC
GND
RESET
ADM809
Figure 3. Ensuring a Valid Reset Output Down
to VCC = 0 V
Benefits of a Very Accurate Reset Threshold
In other microprocessor supervisory circuits, tolerances in supply
voltages lead to an overall increase in reset tolerance levels due
to the deterioration of the microprocessor reset circuit’s power
supply. The possibility of a malfunction during a power failure is
greatly reduced because the ADM803/ADM809/ADM810 series
can operate effectively even when there are large degradations
of the supply voltages. Another advantage of the ADM803/
ADM809/ADM810 series is its very accurate internal voltage
reference circuit. These benefits combine to produce an excep-
tionally reliable voltage monitor circuit.
Interfacing to Microprocessors with Multiple Interrupts
In a number of cases, it is necessary to interface many interrupts
from different devices (e.g., thermal, altitude, and velocity sensors).
The ADM803/ADM809/ADM810 can easily be integrated into
existing interrupt-handling circuits (Figure 4) or be used as a
standalone device.
PRIORITY ENCODER
74LS147
4-LINE BCD TO
MICROPROCESSOR
VCC
ADM809
GND
RESET
OTHER SENSING
DEVICES
VCC
Figure 4. Interfacing to Microprocessors with
Multiple Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com