Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV582 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV582
Description  96-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV582 Datasheet(HTML) 3 Page - Microchip Technology

  HV582 Datasheet HTML 1Page - Microchip Technology HV582 Datasheet HTML 2Page - Microchip Technology HV582 Datasheet HTML 3Page - Microchip Technology HV582 Datasheet HTML 4Page - Microchip Technology HV582 Datasheet HTML 5Page - Microchip Technology HV582 Datasheet HTML 6Page - Microchip Technology HV582 Datasheet HTML 7Page - Microchip Technology HV582 Datasheet HTML 8Page - Microchip Technology HV582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2015 Microchip Technology Inc.
DS20005455A-page 3
HV582
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Rating†
Supply Voltage VDD.................................................................................................................................... -0.5V to +6.0V
High-Voltage Supply VPP .............................................................................................................................. VDD to +85V
Logic Input Voltages...........................................................................................................................-0.5V to VDD + 0.5V
Operating Junction Temperature............................................................................................................. -40°C to +125°C
Storage Temperature .............................................................................................................................. -65°C to +150°C
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions, above those
indicated in the operational listings of this specification, is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device is ESD sensitive. Use appropriate ESD precaution.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Logic Supply Voltage
VDD
4.5
5.0
5.5
V
High-Voltage Supply
VPP
10
—
80
V
High-Level Input Voltage
VIH
VDD –0.9
—
VDD
V
Low-Level Input Voltage
VIL
0—
0.9
V
TABLE 1-1:
POWER SEQUENCES
Sequence Type
Steps
Power-Up Sequence
1.
Connect Ground.
2.
Apply VDD.
3.
Set All Inputs (Data, CLK, etc.) to a known state.
4.
Apply VPP.
Power-Down Sequence
Repeat the Power-Up sequence in reverse order.
DC ELECTRICAL CHARACTERISTICS
Electrical Specification: Unless otherwise specified, TA = TJ = +25°C, VDD = 5.0V and VPP = 80V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
VPP Quiescent Supply Current
IPPQ
–
–
100
µA
VDD Quiescent Supply Current
IDDQ
–
–
100
µA
VDD Supply Current
IDD
––
25
mA
fCLK= 30 MHz,
LE = low
High-Level Output Voltage
HVOH
70
75
–
V
IOUT = 75 mA,
VPP = 80V
Output P-Channel Body Diode
HVOHD
––
83
V
IOUT = -75 mA,
VPP = 80V (Note 1)
Low-Level Output Voltage
HVOL
–5.0
10
V
IOUT = -75 mA
Output N-Channel Body Diode
HVOLD
-3.0
–
–
V
IOUT = 75 mA (Note 1)
Logic Input High Current
IIH
––
1.0
µA
VIH = VDD
10
30
50
VIH = VDD,
RST and POL only
Note 1:
Specification is for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com