Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV582 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV582
Description  96-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV582 Datasheet(HTML) 1 Page - Microchip Technology

  HV582 Datasheet HTML 1Page - Microchip Technology HV582 Datasheet HTML 2Page - Microchip Technology HV582 Datasheet HTML 3Page - Microchip Technology HV582 Datasheet HTML 4Page - Microchip Technology HV582 Datasheet HTML 5Page - Microchip Technology HV582 Datasheet HTML 6Page - Microchip Technology HV582 Datasheet HTML 7Page - Microchip Technology HV582 Datasheet HTML 8Page - Microchip Technology HV582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2015 Microchip Technology Inc.
DS20005455A-page 1
HV582
Features
• 96 High-Voltage Channels
- Up to 80V Operating Output Voltage
- 75 mA Peak Output Sink/Source Current
• Six Parallel 16-bit Shift Registers
- Clockwise and Counter-Clockwise Data
Shifting via DIR Pin
• 30 MHz Data Rate
Applications
• Inkjet Printer Driver
• AC Plasma Data Driver
•3D Printer Driver
Related Devices
• HV583: 128-Channel Serial to Parallel Converter
with Push-Pull Outputs
Description
HV582 is a unipolar, 96-channel low-voltage serial to
high-voltage parallel converter with push-pull outputs.
This device has been designed for applications requiring
multiple high-voltage outputs with current sinking and
sourcing capabilities, such as plasma displays and Inkjet
printers.
The device consists of six parallel 16-bit shift registers,
a 96-bit latch and 96 high-voltage outputs. The shift
registers operate at 30 MHz, allowing 180 MHz data
rates due to the parallel arrangement.
HV582 is offered in a 169-ball 10 x 10 x 1.1 mm
TFBGA package.
Package Type
* See Section 2.0, Package Pin Configuration and
Function Description.
HV582
10x10x1.1 mm TFBGA*
Bottom View
6
7
8
9
10
5
4
1
2
3
11
12
13
H
G
F
E
D
J
K
N
M
L
C
B
A
96-Channel Serial to Parallel Converter with Push-Pull Outputs


Similar Part No. - HV582

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV582 SUTEX-HV582 Datasheet
53Kb / 8P
96-Channel AC Plasma Display Data Driver with High Voltage Push-Pull Outputs
More results

Similar Description - HV582

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com