Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75115D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115D
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75115D Datasheet HTML 3Page - Texas Instruments SN75115D Datasheet HTML 4Page - Texas Instruments SN75115D Datasheet HTML 5Page - Texas Instruments SN75115D Datasheet HTML 6Page - Texas Instruments SN75115D Datasheet HTML 7Page - Texas Instruments SN75115D Datasheet HTML 8Page - Texas Instruments SN75115D Datasheet HTML 9Page - Texas Instruments SN75115D Datasheet HTML 10Page - Texas Instruments SN75115D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
–2
–4
–6
–25 – 20 –15 – 10 –5
0
5
2
4
INPUT CURRENT
vs
INPUT VOLTAGE
6
10
15
20
25
VCC = 5 V
Input Not Under Test at 0 V
TA = 25°C
VI – Input Voltage – V
Figure 2
Figure 3
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 4.5 V
2
1.6
0.8
0.4
0
3.4
1.2
2.8
2.4
3.2
4
– 75 – 50
– 25
0
25
50
75
100
125
VOH (VID = – 0.5 V, IOH = – 5 mA)
VOL (VID = 0.5 V, IOL = 15 mA)
Figure 4
OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
3
2
1
0
–25 – 20 –15 – 10 –5
0
5
4
5
6
10
15
20
25
No Load
TA = 25°C
VCC = 5.5 V
VID = – 1 V
VID = 1 V
VCC = 5 V
VCC = 4.5 V
VIC – Common-Mode Input Voltage – V
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55115 circuits
only. These parameters were measured with the active pullup connected to the sink output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com