Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75115D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115D
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75115D Datasheet HTML 4Page - Texas Instruments SN75115D Datasheet HTML 5Page - Texas Instruments SN75115D Datasheet HTML 6Page - Texas Instruments SN75115D Datasheet HTML 7Page - Texas Instruments SN75115D Datasheet HTML 8Page - Texas Instruments SN75115D Datasheet HTML 9Page - Texas Instruments SN75115D Datasheet HTML 10Page - Texas Instruments SN75115D Datasheet HTML 11Page - Texas Instruments SN75115D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
2
1
0
0
–10
3
4
5
VID = – 0.5 V
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
IOH – High-Level Output Current – mA
–50
–40
–30
–20
Figure 6
VCC = 4.5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0
IOL– Low-Level Output Current – mA
0.4
30
0
5
10
15
20
25
0.1
0.2
0.3
TA = 25°C
VCC = 5.5 V
VID = 0.5 V
Figure 7
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
– 0.2
6
0.2
0
– 0.1
0
0.1
1
2
3
4
5
TA = 125°C
TA = 25°C
TA = – 55°C
VCC = 5 V
Load = 2 k
Ω to VCC
VID – Differential Input Voltage – V
Figure 8
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0.2
– 0.1
0
0.1
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
– 0.2
VID – Differential Input Voltage – V
6
0
1
2
3
4
5
Load = 2 k
Ω to VCC
TA = 25°C
– 0.15
– 0.05
0.5
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com