Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111-E/MJ Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP19111-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111-E/MJ Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP19111-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 23Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 24Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 21
MCP19110/11
3.8.5
OVERTEMPERATURE
The
MCP19110/11
features
a
hardware
overtemperature shutdown protection typically set at
+160°C. No firmware fault-handling procedure is
required to shutdown the MCP19110/11 for an
overtemperature condition. The ABECON<TMPSEN>
bit must be set to enable the over temperature circuitry.
3.9
PIC Microcontroller Core
Integrated into the MCP19110/11 is the PIC
microcontroller mid-range core. This is a fully functional
microcontroller, allowing proprietary features to be
implemented. Setting the CONFIG<CP> bit enables
the code protection. The firmware is then protected
from external reads or writes. Various status and fault
bits are available to customize the fault handling
response.
A minimal amount of firmware is required to properly
configure
the
MCP19110/11.
Section 6.0
“Configuring the MCP19110/11” contains detailed
information about each register that needs to be set for
the MCP19110/11 device to operate. To aid in the
development of the required firmware, a Graphical
User Interface (GUI) has been developed. This GUI
can be used to quickly configure the MCP19110/11 for
basic operation. Customized or proprietary features
can then be added to the GUI generated firmware.
The MCP19110/11 device features firmware debug
support. See Section 30.0 “Development Support”
for more information.
3.10
Miscellaneous Features
3.10.1
DEVICE ADDRESSING
The communication address of the MCP19110/11 is
stored in the SSPADD register. This value can be
loaded when the device firmware is programmed or
configured by external components. By reading a volt-
age on a GPIO with the ADC, a device specific address
can be stored into the SSPADD register.
The MCP19110/11 contains a second address register,
SSPADD2. This is a 7-bit address that can be used as
the SMBus alert address when PMBus communication
is used. See Section 27.0 “Master Synchronous
Serial Port (MSSP) Module” for more information.
3.10.2
DEVICE ENABLE
A GPIO pin can be configured to be a device enable
pin. By configuring the pin as an input, the PORT
register or the interrupt on change (IOC) can be used
to enable the device. Example 3-2 shows how to
configure a GPIO as an enable pin by testing the PORT
register.
EXAMPLE 3-2:
CONFIGURING GPA3 AS DEVICE ENABLE
Note 1: The
GUI can
be
found
on
the
MCP19110/11
product
page
on
www.microchip.com.
2: Microchip's
MPLAB
X
Integrated
Development Environment Software is
required to use the GUI.
BANKSEL
TRISGPA
BSF
TRISGPA, 3
;Set GPA3 as input
BANKSEL
ANSELA
BCF
ANSELA, 3
;Set GPA3 as digital input
:
:
;Insert additional user code here
:
WAIT_ENABLE:
BANKSEL
PORTGPA
BTFSS
PORTGPA, 3
;Test GPA3 to see if pulled high
;A high on GPA3 indicated device to be enabled
GOTO
WAIT_ENABLE
;Stay in loop waiting for device enable
BANKSEL
ATSTCON
BSF
ATSTCON, 0
;Enable the device by enabling drivers
:
:
;Insert additional code here
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com