Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111-E/MJ Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP19111-E/MJ
Description  Digitally-Enhanced Power Analog Controller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111-E/MJ Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP19111-E/MJ Datasheet HTML 9Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 10Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 11Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 12Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19111-E/MJ Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
 2013-2016 Microchip Technology Inc.
DS20002331D-page 13
MCP19110/11
GPB5/AN7/ICSPCLK/
ALT_CLKPIN
(MCP19111 Only)
GPB5
TTL
CMOS General purpose I/O
AN7
AN
—
A/D Channel 7 input
ISCPCLK
ST
—
Serial Programming Clock
ALT_CLKPIN
—
—
Alternate switching frequency clock input
or output (2,3)
GPB6 (MCP19111 Only)
GPB6
TTL
CMOS General purpose I/O
GPB7 (MCP19111 Only)
GPB7
TTL
CMOS General purpose I/O
VIN
VIN
—
—
Device input supply voltage
VDD
VDD
—
—
Internal +5V LDO output pin
VDR
VDR
—
—
Gate drive supply input voltage pin
GND
GND
—
—
Small signal quiet ground
PGND
PGND
—
—
Large signal power ground
LDRV
LDRV
—
—
High-current drive signal connected to the gate
of the low-side MOSFET
HDRV
HDRV
—
—
Floating high-current drive signal connected to
the gate of the high-side MOSFET
PHASE
PHASE
—
—
Synchronous buck switch node connection
BOOT
BOOT
—
—
Floating bootstrap supply
+VSEN
+VSEN
—
—
Positive input of the output voltage sense
differential amplifier
-VSEN
-VSEN
—
—
Negative input of the output voltage sense
differential amplifier
+ISEN
+ISEN
—
—
Current sense input
-ISEN
-ISEN
—
—
Current sense input
EP
—
—
—
Exposed Thermal Pad
TABLE 2-1:
MCP19110/11 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS =CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
=Schmitt Trigger input with CMOS levels
I2C = Schmitt Trigger input with I2C
Note 1:
Analog Test is selected when the ATSTCON<BNCHEN> bit is set.
2:
Selected when device is functioning as multiple output master or slave by proper configuration of the MLTPH<2:0> bits
in the BUFFCON register.
3:
Selected when device is functioning as multi-phase master or slave by proper configuration of the MLTPH<2:0> bits in
the BUFFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com