Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2035 Datasheet HTML 4Page - Microchip Technology MCP2035 Datasheet HTML 5Page - Microchip Technology MCP2035 Datasheet HTML 6Page - Microchip Technology MCP2035 Datasheet HTML 7Page - Microchip Technology MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology MCP2035 Datasheet HTML 10Page - Microchip Technology MCP2035 Datasheet HTML 11Page - Microchip Technology MCP2035 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Maximum output enable filter period
OEH OEL
TOEH TOEL
01
00
= 1 ms 1 ms (Filter 1)
TOET
—
—
96 (~3 ms)
clock
count
RC oscillator = FOSC
01
01
= 1 ms 1 ms (Filter 1)
—
—
96 (~3 ms)
01
10
= 1 ms 2 ms (Filter 2)
—
—
128 (~4 ms)
01
11
= 1 ms 4 ms (Filter 3
—
—
192 (~6 ms)
10
00
= 2 ms 1 ms (Filter 4)
—
—
128 (~4 ms)
10
01
= 2 ms 1 ms (Filter 4)
—
—
128 (~4 ms)
10
10
= 2 ms 2 ms (Filter 5)
—
—
160 (~5 ms)
10
11
= 2 ms 4 ms (Filter 6)
—
—
250 (~8 ms)
11
00
= 4 ms 1 ms (Filter 7)
—
—
192 (~6 ms)
11
01
= 4 ms 1 ms (Filter 7)
—
—
192 (~6 ms)
11
10
= 4 ms 2 ms (Filter 8)
—
—
256 (~8 ms)
11
11
= 4 ms 4 ms (Filter 9)
—
—
320 (~10 ms)
00
XX
= Filter Disabled
—
—
—
LFDATA output appears as long as input signal level is
greater than VSENSE.
RSSI current output
IRSSI
—0.65
2
µA
VIN = 37 mVPP
6
12
20.3
µA
VIN = 370 mVPP
—
100
—
µA
VDD = 3.0V, VIN = 0 to 4 VPP
Linearly increases with input signal amplitude.
Tested at VIN = 37 mVPP, 100 mVPP, and 370 mVPP
at +25ºC.
RSSI current linearity
ILRRSSI
-15
—
15
%
Tested at room temperature only (see Equation 5-1
and Figure 5-7 for test method).
AC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Standard Operating Conditions (unless otherwise stated), Supply Voltage: 2.0V
VDD 3.6V, Operating temperature: -40°C  TA  +85°C,
LCCOM connected to VSS, LCX Input Signal: Sinusoidal 300 mVPP, Carrier Frequency = 125 kHz, Bits <3:1> of Configuration Register 0: LCXEN = 0, LCZEN =
LCYEN = 1.
Parameters
Sym.
Min.
Typ(2)
Max.
Units
Conditions
Note 1:
Parameter is characterized but not tested.
2:
Data in “Typ.” column is at 3.0V, +25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
3:
Required output enable filter high time must account for input path analog delays (= TOEH - TDR + TDF).
4:
Required output enable filter low time must account for input path analog delays (= TOEL + TDR - TDF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com