Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2035 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2035
Description  Analog Front-End Device for BodyCom Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2035 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2035 Datasheet HTML 1Page - Microchip Technology MCP2035 Datasheet HTML 2Page - Microchip Technology MCP2035 Datasheet HTML 3Page - Microchip Technology MCP2035 Datasheet HTML 4Page - Microchip Technology MCP2035 Datasheet HTML 5Page - Microchip Technology MCP2035 Datasheet HTML 6Page - Microchip Technology MCP2035 Datasheet HTML 7Page - Microchip Technology MCP2035 Datasheet HTML 8Page - Microchip Technology MCP2035 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
 2012 Microchip Technology Inc.
DS22304A-page 1
MCP2035
Device Features:
• Single Analog Input Pin for Signal Detection
• High Input Detection Sensitivity (3 mVPP, typical)
• High Modulation Depth Sensitivity (as low as 8%)
• Three Output Type Selections:
- Demodulated Data
- Carrier Clock
- Received Signal Strength Indicator (RSSI)
• Input Carrier Frequency: 125 kHz, typical
• Input Data Rate: 10 Kbps, maximum
• 8 Internal Configuration Registers
• Bidirectional Transponder Communication via the
same input pin (LF talk-back)
• Programmable Antenna Tuning Capacitance
(up to 63 pF, 1 pF/step)
• Programmable Output Enable Filter
• Low Standby Current: 2 µA, typical
• Low Operating Current: 10 µA, typical
• Serial Peripheral Interface (SPI) with external
devices
• Industrial and Extended Temperature Range:
-40°C to +85°C (Industrial)
Typical Applications:
• BodyCom Applications
• Security Industry Applications
• Automotive Industry Applications
Description:
The MCP2035 is a single-channel, stand-alone Analog
Front-End (AFE) device for low-frequency (LF) signal
detection and low-power short range transponder
applications, such as BodyCom communications.
The device can detect an input signal with amplitude as
low as ~1 mVPP, and can demodulate an amplitude-
modulated input signal with as low as 8% modulation
depth. The device can also transmit data (LF talk-back)
by clamping and unclamping the input LC antenna
voltage.
The device can output demodulated data, carrier clock
or RSSI current, depending on the output-type
selection configuration register bit settings. The
demodulated data and carrier clock outputs are
available on the LFDATA pin, while the RSSI output is
available on the RSSI pin. The RSSI current output is
linearly proportional to the input signal strength.
The device has programmable internal tuning
capacitors for the input channel. The user can program
the input tuning capacitors up to 63 pF, 1 pF per step.
The internal tuning capacitors can be used effectively
for fine-tuning of the external LC resonant circuit.
The device has eight volatile internal configuration
registers for dynamic configurations of the device
operation on-the-fly. All registers are readable and
programmable using the serial SPI commands, except
the read-only STATUS register.
The device is optimized for very low current
consumption and has various battery-saving low-
power modes (Sleep, Standby, Active).
This device is available in a 14-pin TSSOP package.
Package Type:
1
2
3
4
5
6
7
14
13
12
9
11
10
8
NC
LCCOM
LCX
VSS
LFDATA/
VDD
NC
NC
VSS
CS
SCLK/ALERT
RSSI
NC
VDD
CCLK/SDIO
MCP2035
TSSOP
Analog Front-End Device for BodyCom Applications


Similar Part No. - MCP2035

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/P MICROCHIP-MCP2030-I/P Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/SL MICROCHIP-MCP2030-I/SL Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030-I/ST MICROCHIP-MCP2030-I/ST Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2030A MICROCHIP-MCP2030A Datasheet
1Mb / 74P
Three-Channel Analog Front-End Devicewith 1 mVPP Input Detection Sensitivity
2011
More results

Similar Description - MCP2035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
Full Duplex Analog Front End for Consumer Applications
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
2005
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
Inductive Sensor Analog Front End Device
2009
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
Three-Channel Analog Front-End Device
2005-2013
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
Analog Front End for Ultrasonic Applications
logo
Microchip Technology
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
Three-Channel Analog Front-End Device
08/24/05
logo
DATEL, Inc.
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
The AS7000 device provides a flexible analog front end for light sensing applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com