Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/MD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2003A-E/MD
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/MD Datasheet(HTML) 4 Page - Microchip Technology

  MCP2003A-E/MD Datasheet HTML 1Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 2Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 3Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 4Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 5Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 6Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 7Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 8Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 4
 2010-2014 Microchip Technology Inc.
1.3
Modes of Operation
For an overview of all operational modes, refer to
Table 1-1.
1.3.1
POWER-DOWN MODE
In Power-Down mode, everything is off except the
wake-up section. This is the lowest power mode. The
receiver is off, thus its output is open-drain.
On CS going to a high level or a falling edge on WAKE
(MCP2003/MCP2003A only), the device will enter
Ready mode as soon as internal voltage stabilizes.
Refer to Section 2.4 “AC Specifications” for further
information. In addition, LIN bus activity will change
the device from Power-down mode to Ready mode;
MCP2003/4 wakes-up on a falling edge on LBUS,
followed by a low level lasting at least 20 µs.
MCP2003A/4A wakes-up on a rising edge on LBUS,
followed by a high level lasting 70 µs typically. See
Figures 1-2 to 1-5 about remote wake-up. If CS is held
high as the device transitions from Power-Down to
Ready mode, the device will transition to either
Operation or Transmitter Off mode, depending on TXD
input, as soon as internal voltages stabilize.
1.3.2
READY MODE
Upon entering the Ready mode, VREN is enabled and
the receiver detect circuit is powered up. The transmit-
ter remains disabled and the device is ready to receive
data but not to transmit.
Upon VBB supply pin power-on, the device will remain
in Ready mode as long as CS is low. When CS
transitions high, the device will either enter Operation
mode, if TXD pin is held high, or the device will enter
Transmitter Off mode, if TXD pin is held low.
1.3.3
OPERATION MODE
In this mode, all internal modules are operational.
The device will go into Power-Down mode on the falling
edge of CS. For the MCP2003/4 device, a specific
process should be followed to put all nodes into Power-
Down mode. Refer to Section 1.6 “MCP2003/4 and
MCP2003A/4A Difference Details”
and Figure 1-6.
The device will enter Transmitter Off mode in the event
of a Fault condition, such as: thermal overload, bus
contention and TXD timer expiration.
The
MCP2004/2004A
device
can
also
enter
Transmitter Off mode if the FAULT/TXE pin is pulled
low. The VBB to LBUS pull-up resistor is connected only
in Operation mode.
1.3.4
TRANSMITTER OFF MODE
Transmitter Off mode is reached whenever the
transmitter is disabled either due to a Fault condition or
pulling the FAULT/TXE pin low on the MCP2004/2004A.
The Fault conditions include: thermal overload, bus
contention, RXD monitoring or TXD timer expiration.
The device will go into Power-Down mode on the falling
edge of CS, or return to Operation mode if all faults are
resolved
and
the
FAULT/TXE
pin
on
the
MCP2004/2004A is high.
FIGURE 1-2:
OPERATIONAL MODES STATE DIAGRAM – MCP2003
POR
VREN OFF
RX OFF
TX OFF
VBAT > 5.5V
Ready
VREN ON
RX ON
TX OFF
TOFF
Mode
VREN ON
RX ON
TX OFF
Operation
Mode
VREN ON
RX ON
TX ON
POWER
DOWN
VREN OFF
RX OFF
TX OFF
CS =
1& TXD = 0
CS =
1& TXD = 1
CS =
1& TXD = 1& No Fault
Fault (thermal or timer)
CS =
0
Falling edge on LIN
or CS =
1
or falling edge on WAKE pin
CS =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com