Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003A-E/MD Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2003A-E/MD
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003A-E/MD Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2003A-E/MD Datasheet HTML 6Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 7Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 8Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 9Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 10Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 11Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 12Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 13Page - Microchip Technology MCP2003A-E/MD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 10
 2010-2014 Microchip Technology Inc.
1.5.4
FAULT/TXE
This pin is only available on the MCP2004/2004A. This
pin is bidirectional and allows disabling of the
transmitter, as well as fault reporting related to
disabling the transmitter. This pin is an open-drain
output, with states as defined in Table 1-3. The
transmitter is disabled whenever this pin is low (‘0’),
either from an internal Fault condition or by an external
drive. While the transmitter is disabled, the internal
30 k
 pull-up resistor on the LBUS pin is also
disconnected to reduce current.
TABLE 1-3:
FAULT/TXE TRUTH TABLE
1.5.5
TRANSMIT DATA INPUT (TXD)
The Transmit Data Input pin has an internal pull-up.
The LIN pin is low (dominant) when TXD is low, and high
(recessive) when TXD is high.
For extra bus security, TXD is internally forced to ‘1’
whenever the transmitter is disabled regardless of
external TXD voltage.
1.5.5.1
TXD Dominant Timeout
If TXD is driven low for longer than approximately
25 ms, the LBUS pin is switched to Recessive mode and
the part enters TOFF Mode. This is to prevent the LIN
node from permanently driving the LIN Bus dominant.
The transmitter is reenabled on TXD rising edge.
1.5.6
GROUND (VSS)
This is the Ground pin.
1.5.7
LIN BUS (LBUS)
The bidirectional LIN Bus pin (LBUS) is controlled by the
TXD input. LBUS has a current limited open collector
output. To reduce EMI, the edges during the signal
changes are slope controlled and include corner
rounding control for both falling and rising edges.
The internal LIN receiver observes the activities on the
LIN bus, and matches the output signal RXD to follow
the state of the LBUS pin.
1.5.7.1
Bus Dominant Timer
The Bus Dominant Timer is an internal timer that
deactivates the LBUS transmitter after approximately
25 ms of dominant state on the LBUS pin. The timer is
reset on any recessive LBUS state.
The LIN bus transmitter will be reenabled after a
recessive state on the LBUS pin as long as CS is high.
Disabling can be caused by the LIN bus being
externally held dominant, or by TXD being driven low.
Additionally, on the MCP2004/2004A, the FAULT pin
will be driven low to indicate the Transmitter Off state.
1.5.8
BATTERY (VBB)
This is the Battery Positive Supply Voltage pin.
1.5.9
VOLTAGE REGULATOR ENABLE
OUTPUT (VREN)
This is the External Voltage Regulator Enable pin.
Open source output is pulled high to VBB in all modes,
except Power-Down.
1.5.10
EXPOSED THERMAL PAD (EP)
Do not electrically connect, or connect to Vss.
Note:
The FAULT/TXE pin is true (‘0’) whenever
the internal circuits have detected a short
or thermal excursion and have disabled
the LBUS output driver.
TXD
In
RXD
Out
LINBUS
I/O
Thermal
Override
FAULT/TXE
Definition
External
Input
Driven
Output
LH
VBB
OFF
H
L
FAULT
, TXD driven low, LBUS shorted to VBB
(Note 1)
HH
VBB
OFF
H
H
OK
LL
GND
OFF
H
H
OK
HL
GND
OFF
H
H
OK
, data is being received from LBUS
xx
VBB
ON
H
L
FAULT
, Transceiver in thermal shutdown
xx
VBB
xL
x
NO FAULT
, the CPU is commanding the
transceiver to turn off the transmitter driver
Legend:
x = don’t care.
Note 1:
The FAULT/TXE is valid after approximately 25 µs after TXD falling edge. This is to eliminate false fault
reporting during bus propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com