Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003AT-E/MD Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2003AT-E/MD
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003AT-E/MD Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2003AT-E/MD Datasheet HTML 25Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 26Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 27Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 28Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 29Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 30Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 31Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 32Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 29
MCP2003/4/3A/4A
APPENDIX A:
REVISION HISTORY
Revision F (November 2014)
The following is the list of modifications:
1.
Updated typical application circuits with values
used during ESD tests.
Revision E (October 2013)
The following is the list of modifications:
2.
Added additional specification for IHVREN in
Section 2.3 “DC Specifications”
.
3.
Clarified wake-up on LBUS functionality.
4.
Added RXD monitoring description.
Revision D (December 2011)
The following is the list of modifications:
5.
Added the MCP2003A and MCP2004A devices
and
related
information
throughout
the
document.
6.
Updated Figures 1.2, 1.3, 1.4, 1.5, 2.6, 2.7.
Revision C (August 2010)
The following is the list of modifications:
1.
Updated all references of Sleep mode to Power-
Down mode, and updated the Max. parameter
for Duty Cycle 2 in Section 2.4 “AC Specifica-
tions”
.
Revision B (July 2010)
The following is the list of modifications:
1.
Added Section 2.2 “Nomenclature Used in
This Document”
, and added the “Capacitance
of Slave Node” parameter to Section 2.3 “DC
Specifications”
.
Revision A (March 2010)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com