Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003AT-E/MD Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2003AT-E/MD
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003AT-E/MD Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2003AT-E/MD Datasheet HTML 8Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 9Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 10Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 11Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 12Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 13Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 14Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 15Page - Microchip Technology MCP2003AT-E/MD Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
MCP2003/4/3A/4A
DS20002230F-page 12
 2010-2014 Microchip Technology Inc.
2.0
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings†
VIN DC Voltage on RXD, TXD, FAULT/TXE, CS .............................................................................................. -0.3 to +43V
VIN DC Voltage on WAKE and VREN ............................................................................................................. -0.3 to +VBB
VBB Battery Voltage, continuous, non-operating (Note 1)............................................................................. -0.3 to +40V
VBB Battery Voltage, non-operating (LIN bus recessive) (Note 2) ................................................................ -0.3 to +43V
VBB Battery Voltage, transient ISO 7637 Test 1 ..................................................................................................... -200V
VBB Battery Voltage, transient ISO 7637 Test 2a ...................................................................................................+150V
VBB Battery Voltage, transient ISO 7637 Test 3a ................................................................................................... -300V
VBB Battery Voltage, transient ISO 7637 Test 3b ...................................................................................................+200V
VLBUS Bus Voltage, continuous...................................................................................................................... -18 to +40V
VLBUS Bus Voltage, transient (Note 3) ........................................................................................................... -27 to +43V
ILBUS Bus Short Circuit Current Limit ....................................................................................................................200 mA
ESD protection on LIN, VBB, WAKE (IEC 61000-4-2) (Note 4)............................................................................... ±8 KV
ESD protection on LIN, VBB (Human Body Model) (Note 5)................................................................................... ±8 KV
ESD protection on all other pins (Human Body Model) (Note 5) ............................................................................ ±4 KV
ESD protection on all pins (Charge Device Model) (Note 6)................................................................................... ±2 KV
ESD protection on all pins (Machine Model) (Note 7).............................................................................................±200V
Maximum Junction Temperature ............................................................................................................................. 150
C
Storage Temperature...................................................................................................................................-65 to +150
C
Note 1:
LIN 2.x compliant specification.
2:
SAE J2602 compliant specification.
3:
ISO 7637/1 load dump compliant (t < 500 ms).
4:
According to IEC 61000-4-2, 330 ohm, 150 pF and Transceiver EMC Test Specifications [2] to [4]. For WAKE
pin to meet the specification, series resistor must be in place (refer to Example 1-2).
5:
According to AEC-Q100-002/JESD22-A114.
6:
According to AEC-Q100-011B.
7:
According to AEC-Q100-003/JESD22-A115.
2.2
Nomenclature Used in This Document
Some terms and names used in this data sheet deviate from those referred to in the LIN specifications. Equivalent
values are shown below.
† NOTICE
: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device, at those or any other conditions above those
indicated in the operational listings of this specification, is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
LIN 2.1 Name
Term used in the following tables
Definition
VBAT
not used
ECU operating voltage
VSUP
VBB
Supply voltage at device pin
IBUS_LIM
ISC
Current Limit of driver
VBUSREC
VIH(LBUS)
Recessive state
VBUSDOM
VIL(LBUS)
Dominant state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com