Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-AAE/MC Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1632-AAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-AAE/MC Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1632-AAE/MC Datasheet HTML 5Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 6Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 7Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 8Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 9Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 10Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 11Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 12Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 9
MCP1632
Note:
Unless otherwise noted, VIN =5V, FOSC =300 kHz, CIN = 0.1 µF, TA =25°C.
FIGURE 2-13:
UVLO Threshold vs.
Temperature.
FIGURE 2-14:
Relative VEXT N-Channel
MOSFET RDSon Variation vs. Junction
Temperature.
FIGURE 2-15:
Relative VEXT P-Channel
MOSFET RDSon Variation vs. Junction
Temperature.
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
-50
0
50
100
150
Junction Temperature (°C)
V
IN Rising
V
IN Falling
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
-50
0
50
100
150
Junction Temperature (°C)
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
-50
0
50
100
150
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com