Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-AAE/MC Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1632-AAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-AAE/MC Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1632-AAE/MC Datasheet HTML 9Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 10Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 11Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 12Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 13Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 14Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 15Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 16Page - Microchip Technology MCP1632-AAE/MC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 13
MCP1632
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1632 device is comprised of an internal
oscillator, an internal constant current generator, a
high-speed comparator, a high-bandwidth amplifier, an
internal ramp generator for slope compensation and
logic gates, and is intended to be used to develop a
stand-alone switch-mode power supply. There are two
(orderable) switching frequency options for this device:
300 kHz or 600 kHz. Refer to Functional Block
Diagram for details about the internal functional blocks.
4.2
PWM Circuitry
MCP1632 implements a typical Peak Current Mode
control loop. The VEXT output of the MCP1632 device
is determined by the output level of the internal
high-speed comparator and the level of the internal
CLK signal. When the CLK signal level is high, the
PWM output (VEXT) is forced low, limiting the maximum
duty cycle to approximately 85% (typical). When the
CLK signal is low, the PWM output is determined by the
output level of the internal high-speed comparator.
During UVLO, the VEXT pin is held in low state. During
overtemperature
operation,
the
VEXT pin is
high-impedance (10 k
 to ground, typical).
4.3
Normal Cycle-by-Cycle Control
The beginning of a PWM cycle is defined by the internal
CLK signal (a transition from high to low). Refer to
Figure 4-1 for the detailed timing operation of the
MCP1632 PWM controller.
For normal operation, the state of the high-speed
comparator output (R) is low and the Q output of the
latch is low. On the high-to-low transition of the CLK
signal, the SR inputs to the high-speed latch are both
low and the Q output will remain unchanged (low). The
output of the OR gate (VDRIVE) will transition from high
to low, turning on the P-Channel drive transistor in the
output stage of the PWM. This will change the PWM
output (VEXT) from low to high, turning on the power
train MOSFET and ramping current in the power train
magnetic device. The sensed current in the magnetic
device is fed into the CS input, shown as a ramp, and
increases linearly until it reaches the same level as the
divided down output of the error amplifier at the
non-inverting input of the high-speed comparator. The
comparator output (R) changes state (low to high) and
resets the PWM latch. The Q output transition from low
to high turns off the VEXT drive to the external MOSFET
driver, thus terminating the current conduction cycle.
The CLK signal will transition from low to high while the
VEXT pin remains unchanged. If the CS input pin never
reaches the same level as the error amplifier output,
the low-to-high transition on the CLK signal terminates
the current switching cycle. This would be considered
as the maximum duty cycle. In either case, while the
CLK signal is high, the VEXT drive pin is low, turning off
the external power train switch. The next switching
cycle will start on another transition of the CLK signal
from high to low.
4.4
Error Amplifier/Comparator
Current Limit Function
The internal amplifier is used to create an error output
signal that is determined by the VREF input pin and the
power supply output voltage fed back into the FB pin.
The error amplifier output is rail-to-rail and is clamped
by a precision 2.7V internal voltage source. The output
of the error amplifier is then divided down 3:1 and
connected to the inverting input of the high-speed
comparator. The maximum output of the error amplifier
is 2.7V, so the maximum input to the inverting pin of the
high-speed comparator is 0.9V. As the output load
current demand increases, the error amplifier output
increases too, causing the inverting input pin of the
high-speed comparator to increase. Eventually, the
output of the error amplifier will hit the 2.7V clamp,
limiting the input of the high-speed comparator to 0.9V
maximum. Even if the FB input continues to decrease,
calling for more current, the inverting input is limited to
0.9V. By limiting the inverting input to 0.9V, the current
sense (CS) input is limited to 0.9V, thus limiting the
current that flows in the main switch. Limiting the
maximum peak current in the switch prevents the
destruction of the semiconductor device and the
saturation of the inductor during overloads. The resistor
divider placed at the output of the error amplifier
decreases the gain of the control loop by 9.5 dB. The
designer must take into account this gain reduction
during the compensation loop process. The error
amplifier
is
rail-to-rail
at
the
input
and
the
common-mode range includes the GND and VIN
potentials.
4.5
0% Duty Cycle Operation
The duty cycle of the VEXT output is capable of
reaching 0% when the FB pin (inverting error amplifier)
is held higher than the voltage present on the VREF
(Reference Voltage) pin. This is accomplished by the
rail-to-rail output capability of the error amplifier and the
offset voltage of the high-speed comparator. The
minimum error amplifier output voltage, divided by 3, is
less than the offset voltage of the high-speed
comparator. In case the output voltage of the converter
is above the desired regulation point, the FB input will
be above the VREF input and the error amplifier will be
pulled to the bottom rail (GND). This low voltage is
divided down 3:1 by the 2R and 1R resistor, and is
connected to the input of the high-speed comparator.
This voltage will be low enough so that there is no
triggering of the comparator, allowing narrow pulse
widths at VEXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com